Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5903GS Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC5903GS
Description  Bidirectionally Buffers I2C SDA Signal
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5903GS Datasheet(HTML) 1 Page - IXYS Corporation

  CPC5903GS Datasheet HTML 1Page - IXYS Corporation CPC5903GS Datasheet HTML 2Page - IXYS Corporation CPC5903GS Datasheet HTML 3Page - IXYS Corporation CPC5903GS Datasheet HTML 4Page - IXYS Corporation CPC5903GS Datasheet HTML 5Page - IXYS Corporation CPC5903GS Datasheet HTML 6Page - IXYS Corporation CPC5903GS Datasheet HTML 7Page - IXYS Corporation CPC5903GS Datasheet HTML 8Page - IXYS Corporation CPC5903GS Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC5903-R02
www.ixysic.com
1
Features
• Bidirectionally Buffers I2C SDA Signal
• Extends and Isolates I2C Interfaces
• Standard-mode and Fast-mode I2C
Side B Fast-mode Compatible VDDB > 4.5V
• Operates on 2.7V to 5.5V
• Voltage Level Translation
• Slew-Limited Drivers Reduce EMI
• Powerdown to Hi-Z Does Not Load I2C
• 3750V
rms Galvanic Isolation
• Single 8-pin Surface-Mount Package
Applications
• Isolated Control and Signal Monitoring
• Power-over-Ethernet
• Power Supply High Side Interface
• I2C Bus Length Extenders
• I2C Logic Level Translation
Approvals
• UL 1577 Certified Component: File E76270
• EN/IEC 60950 Certified Component:
TUV Certificate: B 11 10 49410 007
Description
The CPC5903 is a dual, optically isolated, logic-bus
repeater. It isolates two open-drain logic signals while
providing 3750Vrms of galvanic isolation. When the
two sides are powered by different supply voltages, it
also functions as a logic level translator for levels as
low as 2.7V or as high as 5.5V. Because the CPC5903
provides an isolated bidirectional buffer for the I2C
data signal and a unidirectional buffer for the I2C clock
signal, it is best suited for applications where clock
stretching is not required. This configuration also
requires the I2C bus master to be on the Side A bus.
Unlike transformer or capacitive isolators, optical
isolation passes DC signals and does not require
continuous clocking to ensure the proper state is
maintained. The CPC5903 always returns the buffered
signals to their proper state after transient
interruptions on either side.
Ordering Information
Figure 1. CPC5903 Functional Block Diagram
e3
Pb
Part
Description
CPC5903G
8-Pin DIP (50 / Tube)
CPC5903GS
8-Pin Surface Mount (50 / Tube)
CPC5903GSTR
8-Pin Surface Mount (1000 / Reel)
V
DDA
V
DDB
V
DDA
B
V
DDB
OB
LED
V
DDA
IA
V
DDA
A
V
DDB
B
A
GND
A
A
V
DDA
LED
V
DDA
IOA
V
DDB
Q
D
CLR
B
V
DDB
LED
V
DDB
IOB
B
GND
B
1
2
3
45
6
7
8
CPC5903
Optically Isolated I2C Bus Repeater


Similar Part No. - CPC5903GS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5902 IXYS-CPC5902 Datasheet
270Kb / 14P
Optically Isolated I2C Bus Repeater
CPC5902G IXYS-CPC5902G Datasheet
270Kb / 14P
Optically Isolated I2C Bus Repeater
CPC5902GS IXYS-CPC5902GS Datasheet
270Kb / 14P
Optically Isolated I2C Bus Repeater
CPC5902GSTR IXYS-CPC5902GSTR Datasheet
270Kb / 14P
Optically Isolated I2C Bus Repeater
More results

Similar Description - CPC5903GS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSG601 ETC1-TSG601 Datasheet
155Kb / 2P
TSG 601 Serial Component Generator, SDA 601 Serial Digital Analyzer
logo
Cypress Semiconductor
CY24272 CYPRESS-CY24272 Datasheet
342Kb / 13P
Rambus짰 XDR??Clock Generator with Zero SDA Hold Time
logo
PHOENIX CONTACT
1405578 PHOENIX-1405578 Datasheet
63Kb / 3P
USB cable - VS-04-C-SDA/SDB/1,8
09/11/2020
1563151 PHOENIX-1563151 Datasheet
71Kb / 4P
Patch cable - VS-04-2X2X26C7/7-SDA/SDA/3,5
12/06/2018
1653935 PHOENIX-1653935 Datasheet
105Kb / 6P
Patch cable - VS-04-2X2X26C7/7-SDA/SDB/2,0
09/11/2020
1653948 PHOENIX-1653948 Datasheet
106Kb / 6P
Patch cable - VS-04-2X2X26C7/7-SDA/SDB/5,0
09/11/2020
1654853 PHOENIX-1654853 Datasheet
105Kb / 6P
Patch cable - VS-04-2X2X26C7/7-SDA/SDB/1,0
09/11/2020
1653919 PHOENIX-1653919 Datasheet
463Kb / 11P
VS-04-2X2X26C7/7-67B/SDA/2,0 - Patch cable
1653922 PHOENIX-1653922 Datasheet
463Kb / 11P
VS-04-2X2X26C7/7-67B/SDA/5,0 - Patch cable
1655784 PHOENIX-1655784 Datasheet
335Kb / 9P
VS-04-2X2X26C7/7-SDA/OE/2,0 - Patch cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com