Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX887PHTTR Datasheet(PDF) 3 Page - IXYS Corporation

Part # MX887PHTTR
Description  uPower Operation (15uW typical at 25째C)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX887PHTTR Datasheet(HTML) 3 Page - IXYS Corporation

  MX887PHTTR Datasheet HTML 1Page - IXYS Corporation MX887PHTTR Datasheet HTML 2Page - IXYS Corporation MX887PHTTR Datasheet HTML 3Page - IXYS Corporation MX887PHTTR Datasheet HTML 4Page - IXYS Corporation MX887PHTTR Datasheet HTML 5Page - IXYS Corporation MX887PHTTR Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
MX887P
R01
www.ixysic.com
3
1
Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
Absolute maximum electrical ratings are at 25°C.
Absolute maximum ratings are stress ratings.
Stresses in excess of these ratings can cause
permanent damage to the device. Functional
operation of the device at conditions beyond those
indicated in the operational sections of this data sheet
is not implied.
1.4 Electrical Characteristics
Over operating voltage and temperature range unless otherwise specified.
Notes:
1. BOPX = operating point (output turns ON); BRPX = release point (output turns OFF).
2. Typical data is at 25°C and VSUPPLY = 3V.
12
3
Pin#
Name
Description
1
VSUPPLY 2.5V to 5.5V
2OUT
Push-Pull CMOS Output
3
GROUND Ground
Parameter
Symbol
Min
Max
Units
Supply Voltage
VSUPPLY
-0.5
6
VDC
Output Voltage
VOUT
-0.5
6
V
Magnetic Flux Density
B
-
Unlimited
G
Output Current
-
-
5
mA
Junction Temperature
TJ
-150
°C
Operating Ambient Temperature
TA
-40
85
Storage Temperature
TSTG
-40
150
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage Range
Operating
VSUPPLY
2.5
-
5.5
VDC
Output Leakage Current
VOUT=5.5V, BRPN < B < BRPS
ILKG
--
1
A
Output On Voltage
IOUT=1mA, VDD=3.0V
VOUT
-100
300
mV
Awake Time
-
--
-
90
s
Period
-
--
-
90
ms
Duty Cycle
-
--
0.1
-
%
Supply Current
Awake (enabled)
ISUPPLY
--
2
mA
Asleep (disabled)
--
8
A
Average (Calculated)
-5
15
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com