Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX887PHTTR Datasheet(PDF) 1 Page - IXYS Corporation

Part # MX887PHTTR
Description  uPower Operation (15uW typical at 25째C)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX887PHTTR Datasheet(HTML) 1 Page - IXYS Corporation

  MX887PHTTR Datasheet HTML 1Page - IXYS Corporation MX887PHTTR Datasheet HTML 2Page - IXYS Corporation MX887PHTTR Datasheet HTML 3Page - IXYS Corporation MX887PHTTR Datasheet HTML 4Page - IXYS Corporation MX887PHTTR Datasheet HTML 5Page - IXYS Corporation MX887PHTTR Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
DS-MX887P-R01
www.ixysic.com
1
e3
Pb
Features
•
Power Operation (15 W typical at 25°C)
• Omnipolar (switches with N or S pole)
• 2.5V to 5.5V Operation
• CMOS Push-Pull Output
• Ultra Low Offset Canceling Amplifiers Provide
Sensitive, Accurate, Stable Switching Points and
Immunity to Mechanical Stress
• Solid State Reliability
• Operating Temperature Range: -40°C to +85°C
• RoHS Compliant TSOT23 3-Lead Package
Applications
• Handheld Portable Devices
• White Goods
• Automotive - Body Systems
• Security Systems
• High Reliability Reed Switch Replacement
Description
The MX887P integrated Hall-Effect switch targets the
requirements of low-power portable devices with
battery operating voltages from 2.5V to 5.5V. On-chip
power management circuitry reduces the effective
average current to just 5
A at V
SUPPLY = 3VDC .
The switch output will transition to the Ground
potential when either a north or south magnetic pole is
applied. The removal of a magnetic field will transition
the switch to the VSUPPLY potential. Emulating the
behavior of a traditional reed switch, together with the
advantages of high integration and solid state
reliability, makes the MX887P an ideal replacement in
low-power portable device applications.
Ordering Information
Figure 1. Functional Block Diagram
Part
Description
MX887PHTTR
TSOT23 3L Tape & Reel (3000/Reel)
Hall
Sensor
V
SUPPLY
Output
Power Management Logic
1
2
3
MX887P
Power Hall-Effect Switch


Similar Part No. - MX887PHTTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
MX887PHTTR CLARE-MX887PHTTR Datasheet
272Kb / 6P
關Power Hall-Effect Switch
More results

Similar Description - MX887PHTTR

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AS352R035 AMETHERM-AS352R035 Datasheet
31Kb / 1P
Resistance @ 25째c
AS355R025 AMETHERM-AS355R025 Datasheet
31Kb / 1P
Resistance @ 25째c
AS3250006 AMETHERM-AS3250006 Datasheet
31Kb / 1P
Resistance @ 25째c
logo
Texas Instruments
LP3891ES-1.2 TI-LP3891ES-1.2 Datasheet
1Mb / 19P
1.5% Output Accuracy (25째C), 60 nA Typical Quiescent Current in Shutdown
logo
New Jersey Semi-Conduct...
2N3265 NJSEMI-2N3265 Datasheet
85Kb / 2P
absolute maximum ratings at 25째C case temperature
logo
IXYS Corporation
MX887D IXYS-MX887D_17 Datasheet
151Kb / 6P
uPower Operation (15uW typical at 25째C)
logo
Amphenol Corporation
MA700 AMPHENOL-MA700 Datasheet
54Kb / 4P
Nominal 6K/30K 廓at 77째F (25째C)
logo
Energizer
NH12-700 ENERGIZER-NH12-700 Datasheet
158Kb / 1P
Typical Performance at 21C
logo
Mallory Sonalert Produc...
PK-16N04WA-03Q MSPI-PK-16N04WA-03Q Datasheet
84Kb / 1P
80 at 30cm at Rated Voltage Typical
PK-16N04WA-12Q MSPI-PK-16N04WA-12Q Datasheet
135Kb / 1P
84 at 30cm at Rated Voltage Typical
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com