Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX887PHTTR Datasheet(PDF) 4 Page - IXYS Corporation

Part # MX887PHTTR
Description  uPower Operation (15uW typical at 25째C)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX887PHTTR Datasheet(HTML) 4 Page - IXYS Corporation

  MX887PHTTR Datasheet HTML 1Page - IXYS Corporation MX887PHTTR Datasheet HTML 2Page - IXYS Corporation MX887PHTTR Datasheet HTML 3Page - IXYS Corporation MX887PHTTR Datasheet HTML 4Page - IXYS Corporation MX887PHTTR Datasheet HTML 5Page - IXYS Corporation MX887PHTTR Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
MX887P
4
www.ixysic.com
R01
1.5 ESD Rating
1.6 Magnetic Characteristics
Over operating voltage and temperature range unless otherwise specified.
Notes:
1. As used here, negative flux densities are defined as less than zero (algebraic convention); -50G<+10G.
2. BOPX = operating point (output turns ON); BRPX = release point (output turns OFF).
3. Typical data is at 25°C and VSUPPLY = 3V.
2
Circuit Description
The MX887P
Power Hall-Effect Switch consists of a
Hall element, small-signal amplifier, latch, and CMOS
push-pull output. Offset cancellation circuitry rejects
errors in signal stages and the influence of mechanical
stress on the Hall element. This technique, together
with a precision threshold generator and comparator,
produces highly accurate magnetic switch points. The
Hall element is activated for a small fraction of an
operating cycle, then latched in that sample state for
the remainder of the period. By using this technique,
very low power consumption is achieved.
ESD Rating (Human Body Model)
2000V
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Operating Points
Due to North Pole Applied
North Pole to Branded Side
BOPN
-60
-
-
G
Due to South Pole Applied
South Pole to Branded Side
BOPS
--
60
Release Points
Due to North Pole Applied
North Pole to Branded Side
BRPN
--
-6
G
Due to South Pole Applied
South Pole to Branded Side
BRPS
6-
-
Hysteresis
| BOPX - BRPX |
BHYS
-5-
G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com