Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX887PHTTR Datasheet(PDF) 6 Page - IXYS Corporation

Part # MX887PHTTR
Description  uPower Operation (15uW typical at 25째C)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX887PHTTR Datasheet(HTML) 6 Page - IXYS Corporation

  MX887PHTTR Datasheet HTML 1Page - IXYS Corporation MX887PHTTR Datasheet HTML 2Page - IXYS Corporation MX887PHTTR Datasheet HTML 3Page - IXYS Corporation MX887PHTTR Datasheet HTML 4Page - IXYS Corporation MX887PHTTR Datasheet HTML 5Page - IXYS Corporation MX887PHTTR Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
MX887P
6
www.ixysic.com
R01
3.5 Mechanical Dimensions
3.5.1 MX887PHT TSOT23 3-Lead Package
3.5.2 MX887PHTTR Tape & Reel Packaging
Dimensions
mm MIN / mm MAX
(inches MIN / inches MAX)
Recommended PCB Land Pattern
2.60 / 3.00
(0.102 / 0.118)
0.10 / 0.25
(0.004 / 0.010)
0.37 / 0.47
(0.015 / 0.019)
2.80 / 3.00
(0.110 / 0.118)
0.75 / 0.90
(0.030 / 0.035)
0.95 BSC
(0.037 BSC)
1.50 / 1.70
(0.059 / 0.067)
0.35 / 0.51
(0.014 / 0.020)
0.00 / 0.10
(0.000 / 0.004)
0.70 / 0.80
(0.028 / 0.031)
1.90 BSC
(0.0748 BSC)
0.60 REF
(0.0236 REF)
0.25 BSC
(0.0098 BSC)
0.10 MIN
(0.004 MIN)
5º NOM
7º NOM
0º / 8º
1
2
3
1.05
(0.041)
2.70
(0.106)
0.95
(0.037)
0.60
(0.024)
Notes: (Unless otherwise specified)
1. Dimension “D” does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, and gate burrs shall not exceed 0.10mm
(0.004 inches) per side.
2. Dimension “E” does not include inter-lead flash or protrusions. Inter-lead flash and protrusions shall not exceed 0.15mm (0.006 inches) per side.
3. Package top may be smaller than package bottom. Dimensions “D” and “E1” are determined at the outermost extreme of the plastic body
excluding mold flash, tie bar burrs, gate burrs, and interlead flash, but including any mismatch between top and bottom of the plastic body.
E
E1
D
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.066 MAX.
(0.003 MAX.)
178 DIA.
(7.01 DIA.)
Dimensions
mm
(inches)
K
0=1.1 ± 0.1
(0.043 ± 0.004)
P=4.0 ± 0.1
(0.157 ± 0.004)
A
O=3.2 ± 0.1
(0.126 ± 0.004)
B
O=3.2 ± 0.1
(0.126 ± 0.004)
W=8.0 ± 0.2
(0.315 ± 0.008)
P=4.0 ± 0.1
(0.157 ± 0.004)
2.0 ± 0.05
(0.079 ± 0.002)
1.75 ± 0.1
(0.069 ± 0.004)
ø1.5, +0.1, -0
(ø0.059, +0.004, -0)
3.5 ± 0.05
(0.138 ± 0.002)
ø1.1 ± 0.1
(0.043 ± 0.004)
0.25 ± 0.05
(0.001 ± 0.002)
Specification: DS-MX887P-R01
©Copyright 2012, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
12/22/2012
For additional information please visit www.ixysic.com
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and
reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses or indemnity are expressed
or implied. Except as set forth in IXYS Integrated Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability
whatsoever, and disclaims any express or implied warranty relating to its products, including, but not limited to, the implied warranty of merchantability, fitness for a
particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized, or warranted for use as components in systems intended for surgical implant into
the body, or in other applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical
harm, injury, or death to a person or severe property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes
to its products at any time without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com