Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4808 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4808
Description  Dual 105 mW Headphone Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4808 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4808 Datasheet HTML 1Page - National Semiconductor (TI) LM4808 Datasheet HTML 2Page - National Semiconductor (TI) LM4808 Datasheet HTML 3Page - National Semiconductor (TI) LM4808 Datasheet HTML 4Page - National Semiconductor (TI) LM4808 Datasheet HTML 5Page - National Semiconductor (TI) LM4808 Datasheet HTML 6Page - National Semiconductor (TI) LM4808 Datasheet HTML 7Page - National Semiconductor (TI) LM4808 Datasheet HTML 8Page - National Semiconductor (TI) LM4808 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Electrical Characteristics (Notes 2, 3)
The following specifications apply for V
DD = 3.3V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
Conditions
Units (Limits)
Typ (Note 7)
Limit (Note 8)
I
DD
Supply Current
V
IN = 0V, IO = 0A
1.0
mA (max)
V
OS
Input Offset Voltage
V
IN = 0V
7
mV (max)
P
o
Output Power
THD+N = 0.1%,f=1kHz
R
L =16Ω
40
mW
R
L =32Ω
28
mW
THD+N = 10%,f=1kHz
R
L =16Ω
56
mW
R
L =32Ω
38
mW
Electrical Characteristics (Notes 2, 3)
The following specifications apply for V
DD = 2.6V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
Conditions
Units (Limits)
Typ (Note 7)
Limit (Note 8)
I
DD
Supply Current
V
IN = 0V, IO = 0A
0.9
mA (max)
V
OS
Input Offset Voltage
V
IN = 0V
5
mV (max)
P
o
Output Power
THD+N = 0.1%,f=1kHz
R
L =16Ω
20
mW
R
L =32Ω
16
mW
THD+N = 10%,f=1kHz
R
L =16Ω
31
mW
R
L =32Ω
22
mW
Note 2: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 3:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits.
Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is P DMAX =(TJMAX −TA)/ θJA. For the LM4808, TJMAX = 150˚C, and the typical junction-to-ambient thermal resistance, when board
mounted, is 210˚C/W for the MSOP Package and 107˚C/W for package N08E.
Note 5: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 6: Machine Model, 220 pF–240 pF discharged through all pins.
Note 7: Typicals are measured at 25˚C and represent the parametric norm.
Note 8: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com