Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4808 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4808
Description  Dual 105 mW Headphone Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4808 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4808 Datasheet HTML 1Page - National Semiconductor (TI) LM4808 Datasheet HTML 2Page - National Semiconductor (TI) LM4808 Datasheet HTML 3Page - National Semiconductor (TI) LM4808 Datasheet HTML 4Page - National Semiconductor (TI) LM4808 Datasheet HTML 5Page - National Semiconductor (TI) LM4808 Datasheet HTML 6Page - National Semiconductor (TI) LM4808 Datasheet HTML 7Page - National Semiconductor (TI) LM4808 Datasheet HTML 8Page - National Semiconductor (TI) LM4808 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
External Components Description (Figure 1)
Compo-
nents
Functional Description
1. R
i
Inverting input resistance which sets the closed-loop gain in conjuction with R
f. This resistor also
forms a high pass filter with C
i at fc =1/(2πR iCi).
2. C
i
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminals. Also creates a
highpass filter with R
i at fc =1/(2πRiC i). Refer to the section, Proper Selection of External
Components, for and explanation of how to determine the value of C
i.
3. R
f
Feedback resistance which sets closed-loop gain in conjuction with R
i.
4. C
S
Supply bypass capacitor which provides power supply filtering. Refer to the Application Information
section for proper placement and selection of the supply bypass capacitor.
5. C
B
Bypass pin capacitor which provides half-supply filtering. Refer to the section, Proper Selection of
External Components, for information concerning proper placement and selection of C
B.
6. C
O
Output coupling capacitor which blocks the DC voltage at the amplifier’s output. Forms a high pass
filter with R
L at fO = 1/(2πRLCO)
7. R
B
Resistor which forms a voltage divider that provides a half-supply DC voltage to the non-inverting
input of the amplifier.
Typical Performance Characteristics
THD+N vs Frequency
DS101276-3
THD+N vs Frequency
DS101276-4
THD+N vs Frequency
DS101276-5
THD+N vs Frequency
DS101276-6
THD+N vs Frequency
DS101276-7
THD+N vs Frequency
DS101276-8
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com