Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4808 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4808
Description  Dual 105 mW Headphone Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4808 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4808 Datasheet HTML 1Page - National Semiconductor (TI) LM4808 Datasheet HTML 2Page - National Semiconductor (TI) LM4808 Datasheet HTML 3Page - National Semiconductor (TI) LM4808 Datasheet HTML 4Page - National Semiconductor (TI) LM4808 Datasheet HTML 5Page - National Semiconductor (TI) LM4808 Datasheet HTML 6Page - National Semiconductor (TI) LM4808 Datasheet HTML 7Page - National Semiconductor (TI) LM4808 Datasheet HTML 8Page - National Semiconductor (TI) LM4808 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Note 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD + 0.3V
Power Dissipation (Note 4)
Internally limited
ESD Susceptibility (Note 5)
3500V
ESD Susceptibility (Note 6)
250V
Junction Temperature
150˚C
Soldering Information (Note 1)
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
Thermal Resistance
θ
JC (MSOP)
56˚C/W
θ
JA (MSOP)
210˚C/W
θ
JC (SOP)
35˚C/W
θ
JA (SOP)
170˚C/W
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40˚C
≤ T
A ≤ 85˚C
Supply Voltage
2.0V
≤ V
DD ≤ 5.5V
Note 1: See AN-450 “Surface Mounting and their Effects on Product Reli-
ability” for other methods of soldering surface mount devices.
Electrical Characteristics (Notes 2, 3)
The following specifications apply for V
DD = 5V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
LM4808
Units (Limits)
Typ (Note 7)
Limit (Note 8)
V
DD
Supply Voltage
2.0
V (min)
5.5
V (max)
I
DD
Supply Current
V
IN = 0V, IO = 0A
1.2
3.0
mA (max)
P
tot
Total Power Dissipation
V
IN = 0V, IO = 0A
6
16.5
mW (max)
V
OS
Input Offset Voltage
V
IN = 0V
10
50
mV (max)
Ibias
Input Bias Current
10
pA
V
CM
Common Mode Voltage
0V
4.3
V
G
V
Open-Loop Voltage Gain
R
L =5kΩ
67
dB
Io
Max Output Current
THD+N < 0.1 %
70
mA
R
O
Output Resistance
0.1
Ω
V
O
Output Swing
R
L =32Ω, 0.1% THD+N, Min
.3
V
R
L =32Ω, 0.1% THD+N, Max
4.7
PSRR
Power Supply Rejection Ratio
Cb = 1.0µF, Vripple = 100mV
PP,
f = 100Hz
89
dB
Crosstalk
Channel Separation
R
L =32Ω
75
dB
THD+N
Total Harmonic Distortion +
Noise
f=1kHz
R
L =16Ω,
V
O =3.5VPP (at 0 dB)
0.05
%
66
dB
R
L =32Ω,
V
O =3.5VPP (at 0 dB)
0.05
%
66
dB
SNR
Signal-to-Noise Ratio
V
O = 3.5Vpp (at 0 dB)
105
dB
f
G
Unity Gain Frequency
Open Loop, R
L =5kΩ
5.5
MHz
P
o
Output Power
THD+N = 0.1%,f=1kHz
R
L =16Ω
105
mW
R
L =32Ω
70
60
mW
THD+N = 10%,f=1kHz
R
L =16Ω
150
mW
R
L =32Ω
90
mW
C
I
Input Capacitance
3
pF
C
L
Load Capacitance
200
pF
SR
Slew Rate
Unity Gain Inverting
3
V/µs
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com