Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4808 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4808
Description  Dual 105 mW Headphone Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4808 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4808 Datasheet HTML 1Page - National Semiconductor (TI) LM4808 Datasheet HTML 2Page - National Semiconductor (TI) LM4808 Datasheet HTML 3Page - National Semiconductor (TI) LM4808 Datasheet HTML 4Page - National Semiconductor (TI) LM4808 Datasheet HTML 5Page - National Semiconductor (TI) LM4808 Datasheet HTML 6Page - National Semiconductor (TI) LM4808 Datasheet HTML 7Page - National Semiconductor (TI) LM4808 Datasheet HTML 8Page - National Semiconductor (TI) LM4808 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM4808
Dual 105 mW Headphone Amplifier
General Description
The LM4808 is a dual audio power amplifier capable of deliv-
ering 105 mW per channel of continuous average power into
a16
Ω load with 0.1% (THD+N) from a 5V power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components using surface mount packaging. Since
the LM4808 does not require bootstrap capacitors or snub-
ber networks, it is optimally suited for low-power portable
systems.
The unity-gain stable LM4808 can be configured by external
gain-setting resistors.
Key Specifications
n
THD+N at 1 kHz at 105 mW
continuous average output
power into 16
Ω
0.1% (max)
n
THD+N at 1 kHz at 70 mW
continuous average output
power into 32
Ω
0.1% (typ)
n
Output power at 0.1% THD+N
at 1 kHz into 32
Ω
70 mW (typ)
Features
n
SOP and MSOP surface mount packaging
n
Switch on/off click suppression
n
Excellent power supply ripple rejection
n
Unity-gain stable
n
Minimum external components
Applications
n
Headphone Amplifier
n
Personal Computers
n
Microphone Preamplifier
Typical Application
Connection Diagram
Boomer® is a registered trademark of National Semiconductor Corporation.
DS101276-1
*Refer to the Application Information Section for information concerning
proper selection of the input and output coupling capacitors.
FIGURE 1. Typical Audio Amplifier Application Circuit
SOP & MSOP Package
DS101276-2
Top View
Order Number LM4808M, LM4808MM
See NS Package Number M08A, MUA08A
February 2000
© 2000 National Semiconductor Corporation
DS101276
www.national.com


Similar Part No. - LM4808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4808 TI2-LM4808 Datasheet
1Mb / 29P
LM4808 Low Voltage High Power Audio Power Amplifier
REVISED MAY 2013
LM4808M/NOPB TI1-LM4808M/NOPB Datasheet
1Mb / 24P
Low Voltage High Power Audio Power Amplifier
LM4808M/NOPB TI2-LM4808M/NOPB Datasheet
1Mb / 29P
LM4808 Low Voltage High Power Audio Power Amplifier
REVISED MAY 2013
LM4808M/NOPB.A TI2-LM4808M/NOPB.A Datasheet
1Mb / 29P
LM4808 Low Voltage High Power Audio Power Amplifier
REVISED MAY 2013
LM4808MM/NOPB TI1-LM4808MM/NOPB Datasheet
1Mb / 24P
Low Voltage High Power Audio Power Amplifier
More results

Similar Description - LM4808

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
Dual 200 mW Headphone Amplifier with Shutdown Mode
LM4908 NSC-LM4908 Datasheet
935Kb / 21P
10kV ESD Rated, Dual 120 mW Headphone Amplifier
logo
List of Unclassifed Man...
HWD2108 ETC1-HWD2108 Datasheet
944Kb / 18P
Dual 105 mW Headphone Amplifier
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
LM4881 TI-LM4881_15 Datasheet
476Kb / 15P
Dual 200 mW Headphone Amplifier with Shutdown Mode
LM4908 TI-LM4908_15 Datasheet
635Kb / 22P
10kV ESD Rated, Dual 120 mW Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com