Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3875LG-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UC3875LG-S08-R
Description  Programmable frequency
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3875LG-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UC3875LG-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UC3875L
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 11
www.unisonic.com.tw
QW-R103-125 .A
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
RT
Sets frequency
2
COMP
Feedback input pin. The PWM duty cycle is determined by voltage level into this pin
and SENSE pin input.
3
CS
Current sense input pin. Connected to MOSFET current sensing resistor node.
4
GND
Ground.
5
OUT
The totem-pole output driver for driving the power MOSFET.
6
VCC
Power supply.
7
NC
No Connection
8
HV
HV start pin, it connected the line input.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com