Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3875LG-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UC3875LG-S08-R
Description  Programmable frequency
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3875LG-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UC3875LG-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 9Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 10Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UC3875L
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 11
www.unisonic.com.tw
QW-R103-125 .A
REFRENCE CIRCUIT (12V/1.5A)
BOM
Reference
Component
Reference
Component
BD1
1N4007×4
R4 (Optional)
0Ω
CX1 (Optional)
NC
R1,R2
R 4.7MΩ 1206
CY1 (Optional)
YC 1nF/400V (Y1)
R3
R 200K
C2
EC 33μF/400V 105°C
R5
R 10Ω
C1
EC 6.8μF/400V 105°C
R6
R 22Ω 1206
C3
CC 1nF/1000V
R7
R 0.66Ω 1W
C4
EC 10μF/50V
R8
R 10kΩ 0603
C5,C13 (Optional)
CC 100nF/50V
R9
R 22MΩ 0805
C8
CC 1nF/25V
R10
NC
C9
NC
R12
R 220Ω 0805
C10, C11
EC 470uF/25V
R13
R 1KΩ 0805
C12
CC 0.1μF/50V 0805
R14
R 680Ω 0805
C14
100pF/25V
R15
R 39kΩ 0805
D2
Diode 1N4007
R16
R 10kΩ 0805
D3
RS1D
R17
300kΩ 1206
D4 (Optional)
1N4148
R18
1kΩ 0603
D5
MBR10100
R20
100KΩ 0805
F1
2A/250V
T1
EE-219
L1
NC (Short)
U1
IC UTC UC3875L
L2
33μH 6×8mm
U2
TL431
ZD1
NC
U3
PC817
Q1
4N65K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com