Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3875LG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC3875LG-S08-R
Description  Programmable frequency
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3875LG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC3875LG-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
UC3875L
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R103-125 .A
ABSOLUTE MAXIMUM RATING (VDD=15V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
32
V
Input Voltage to FB Pin
VCOMP
-0.3 ~ 7
V
Input Voltage to CS Pin
VCS
-0.3 ~ 7
V
Junction Temperature
TJ
+150
C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-50 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RANGE
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
10 ~ 24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com