Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3875LG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3875LG-S08-R
Description  Programmable frequency
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3875LG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3875LG-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3875LG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3875L
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R103-125 .A
LOW COST POWER-SAVING
MODE PWM CONTROLLER
FOR FLYBACK CONVERTERS
DESCRIPTION
The UTC UC3875L is a high performance current mode PWM
controller ideally suited for low standby power. The PWM switching
frequency is programmable externally at normal operation. Low
VDD startup current make the power reliable on startup design and
a large value resistor could be used in the startup circuit to
minimize the standby power. At no load condition, the IC operates
in power-saving mode for lower standby power, decreasing
frequency for Higher conversion efficiency at light load condition.
The UTC UC3875L contains protection with automatic recovery
including OLP (over load protection), OCP (cycle-by-cycle current
limiting), and UVLO (VDD over voltage clamp and under voltage
lockout). It also provides the protections including OTP (over
temperature protection), OVP (over voltage protection) in UC3875L
with latch up. To protect the power MOSFET, Gate-drive output is
fixed up to 16V max.
The internal slope compensation improves system stability at
high PWM duty cycle output. Leading-edge blanking on current
sense input removes the signal glitch, which offering minimal
external component count in the design. Excellent EMI
performance is achieved with UTC proprietary frequency hopping
technique (ZL201020615247.1) together with soft driver control.
Audio noise is eliminated due to switch frequency more than 20kHz
during operation.
The UTC UC3875L has such applications as: battery charger,
power adaptor, set-top box power supplies, ink jet printers,
open-frame SMPS.
FEATURES
* UTC proprietary frequency hopping technology for Improved EMI
performance.
* Lower than 30mW Standby Power Design
* Dynamic peak current limiting for constant output power
* Built-in synchronized slope compensation
* OLP with automatic recovery
* OTP and OVP with latch up
* VDD clamp for higher security
* Programmable frequency
* Gate output voltage clamped at 16V
* Low start-up current
* Cycle-by-cycle Current Limiting
* Under voltage lockout (UVLO)
* Few external components required
SOP-8


Similar Part No. - UC3875LG-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3875L TI-UC3875L Datasheet
743Kb / 19P
Phase Shift Resonant Controller
More results

Similar Description - UC3875LG-S08-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N4Q001 IDT-IDT8N4Q001 Datasheet
200Kb / 20P
Quad-Frequency Programmable XO
IDT8N4QV01 IDT-IDT8N4QV01 Datasheet
193Kb / 20P
Quad-Frequency Programmable VCXO
5P49V5907 IDT-5P49V5907 Datasheet
430Kb / 30P
Programmable frequency
logo
Texas Instruments
SN74LS292 TI1-SN74LS292_16 Datasheet
341Kb / 19P
Programmable Frequency Dividers
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
Converter with Programmable Frequency
logo
International Rectifier
IRPLMB1E IRF-IRPLMB1E Datasheet
228Kb / 13P
Programmable run frequency
logo
Maxim Integrated Produc...
MAX16935EVKIT MAXIM-MAX16935EVKIT Datasheet
815Kb / 8P
Programmable Switching Frequency
Rev 0; 1/14
logo
Renesas Technology Corp
IDT8N0QV01 RENESAS-IDT8N0QV01 Datasheet
836Kb / 20P
Quad-Frequency Programmable VCXO
MARCH 13, 2014
IDT8N4QV01 RENESAS-IDT8N4QV01 Datasheet
868Kb / 21P
Quad-Frequency Programmable VCXO
MARCH 11, 2014
IDT8N3SV75 RENESAS-IDT8N3SV75 Datasheet
784Kb / 20P
LVPECL Frequency-Programmable VCXO
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com