Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9694 Datasheet(PDF) 63 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9694 Datasheet HTML 59Page - Analog Devices AD9694 Datasheet HTML 60Page - Analog Devices AD9694 Datasheet HTML 61Page - Analog Devices AD9694 Datasheet HTML 62Page - Analog Devices AD9694 Datasheet HTML 63Page - Analog Devices AD9694 Datasheet HTML 64Page - Analog Devices AD9694 Datasheet HTML 65Page - Analog Devices AD9694 Datasheet HTML 66Page - Analog Devices AD9694 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 63 of 101
CLK±
INPUT
SYSREF±
INPUT
VALID
REG 0x0128[7:4]
FLIP FLOP
HOLD (MIN)
FLIP FLOP
HOLD (MIN)
FLIP FLOP
SETUP (MIN)
0xF
0xE
0xD
0xC
0xB
0xA
0x9
0x8
0x7
0x6
0x5
0x4
0x3
0x2
0x1
0x0
Figure 96. SYSREF± Hold Detector
Table 30 shows the description of the contents of Register 0x0128 and how to interpret them.
Table 30. SYSREF± Setup and Hold Monitor, Register 0x0128
Register 0x0128, Bits[7:4],
Hold Status
Register 0x0128, Bits[3:0],
Setup Status
Description
0x0
0x0 to 0x7
Possible setup error. The smaller this number, the smaller the setup margin.
0x0 to 0x8
0x8
No setup or hold error (best hold margin).
0x8
0x9 to 0xF
No setup or hold error (best setup and hold margin).
0x8
0x0
No setup or hold error (best setup margin).
0x9 to 0xF
0x0
Possible hold error. The larger this number, the smaller the hold margin.
0x0
0x0
Possible setup or hold error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com