Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9694 Datasheet(PDF) 89 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9694 Datasheet HTML 85Page - Analog Devices AD9694 Datasheet HTML 86Page - Analog Devices AD9694 Datasheet HTML 87Page - Analog Devices AD9694 Datasheet HTML 88Page - Analog Devices AD9694 Datasheet HTML 89Page - Analog Devices AD9694 Datasheet HTML 90Page - Analog Devices AD9694 Datasheet HTML 91Page - Analog Devices AD9694 Datasheet HTML 92Page - Analog Devices AD9694 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 89 of 101
Addr
Name
Bits
Bit Name
Settings Description
Reset Access
0x0347
Pair Map
DDC 1 test
enable
[7:3]
Reserved
Reserved.
0x0
R
2
DDC 1 Q output test
mode enable
Note that Q samples always use Test Mode B/D
block.
0x0
R/W
0
Test mode disabled.
1
Test mode enabled.
1
Reserved
Reserved.
0x0
R
0
DDC 1 I output test
mode enable
Note that I samples always use Test Mode A/C
block.
0x0
R/W
0
Test mode disabled.
1
Test mode enabled.
0x0550
Channel map
test mode
control
7
User pattern selection
0x0
R/W
0
Continuous repeat.
1
Single pattern.
6
Reserved
Reserved.
0x0
R
5
Reset PN long gen
0x0
R/W
0
Long PN enabled.
1
Long PN held in reset.
4
Reset PN short gen
0x0
R/W
0
Short PN enabled.
1
Short PN held in reset.
[3:0]
Test mode selection
0x0
R/W
0000
Off—normal operation.
0001
Midscale short.
0010
Positive full scale.
0011
Negative full scale.
0100
Alternating checker board.
0101
PN sequence—long.
0110
PN sequence—short.
0111
1/0 word toggle.
1000
User pattern test mode (used with the test
mode patern selection and the User Pattern 1
through User Pattern 4 registers)
1111
Ramp output.
0x0551
Pair map User
Pattern1 LSB
[7:0]
User Pattern 1, Bits[7:0]
User Test Pattern 1 least significant byte
0x0
R/W
0x0552
Pair map User
Pattern1 MSB
[7:0]
User Pattern 1, Bits[15:8]
User Test Pattern 1 most significant byte
0x0
R/W
0x0553
Pair map User
Pattern2 LSB
[7:0]
User Pattern 2, Bits[7:0]
User Test Pattern 2 least significant byte
0x0
R/W
0x0554
Pair map User
Pattern2 MSB
[7:0]
User Pattern 2, Bits[15:8]
User Test Pattern 2 most significant byte
0x0
R/W
0x0555
Pair map User
Pattern3 LSB
[7:0]
User Pattern 3, Bits[7:0]
User Test Pattern 3 least significant byte
0x0
R/W
0x0556
Pair map User
Pattern3 MSB
[7:0]
User Pattern 3, Bits[15:8]
User Test Pattern 3 most significant byte
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com