Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9694 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9694
Description  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9694 Datasheet HTML 9Page - Analog Devices AD9694 Datasheet HTML 10Page - Analog Devices AD9694 Datasheet HTML 11Page - Analog Devices AD9694 Datasheet HTML 12Page - Analog Devices AD9694 Datasheet HTML 13Page - Analog Devices AD9694 Datasheet HTML 14Page - Analog Devices AD9694 Datasheet HTML 15Page - Analog Devices AD9694 Datasheet HTML 16Page - Analog Devices AD9694 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
Data Sheet
AD9694
Rev. 0 | Page 13 of 101
Pin No.
Mnemonic
Type
Description
21, 32
DRGND
Ground
Ground Reference for DRVDD1 and DRVDD2.
22, 31
DRVDD1
Supply
Digital Power Supply for SERDOUT Pins (0.975 V Nominal).
23, 24
SERDOUTAB0−,
SERDOUTAB0+
Output
Lane 0 Output Data Complement/True for Channel A and
Channel B.
25, 26
SERDOUTAB1−,
SERDOUTAB1+
Output
Lane 1 Output Data Complement/True for Channel A and
Channel B.
27, 28
SERDOUTCD1+,
SERDOUTCD1−
Output
Lane 1 Output Data True/Complement for Channel C and
Channel D.
29, 30
SERDOUTCD0+,
SERDOUTCD0−
Output
Lane 0 Output Data True/Complement for Channel C and
Channel D.
33
SYNCINB+CD
Input
Active Low JESD204B LVDS/CMOS Sync Input True for Channel C
and Channel D.
34
SYNCINB−CD
Input
Active Low JESD204B LVDS Sync Input Complement for
Channel C and Channel D.
37
SDIO
Input/output
SPI Serial Data Input/Output.
38
SCLK
Input
SPI Serial Clock.
39
CSB
Input
SPI Chip Select (Active Low).
40
SPIVDD
Supply
Digital Power Supply for SPI (1.8 V Nominal).
43
VCM_CD/VREF
Output/input
Common-Mode Level Bias Output for Analog Input Channel C
and Channel D/0.5 V Reference Voltage Input. This pin is
configurable through the SPI as an output or an input. Use
this pin as the common-mode level bias output if using the
internal reference. This pin requires a 0.5 V reference voltage
input if using an external voltage reference source.
47, 48
VIN−D, VIN+D
Input
ADC D Analog Input Complement/True.
52, 53
VIN+C, VIN−C
Input
ADC C Analog Input True/Complement.
60, 61
CLK+, CLK−
Input
Clock Input True/Complement.
63, 67
AGND_SR
Ground
Ground Reference for SYSREF±.
64
AVDD1_SR
Supply
Analog Power Supply for SYSREF± (0.975 V Nominal).
65, 66
SYSREF+, SYSREF−
Input
Active Low JESD204B LVDS System Reference Input
True/Complement. DC-coupled input only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com