Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADL5205ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
ADL5205
Data Sheet
Rev. 0 | Page 30 of 31
BILL OF MATERIALS
Table 17. Bill of Materials
Qty.
Description
Reference Designator
Manufacturer
Part No.
1
PCB
Not applicable
Analog Devices
08_039771B
5
Connectors, PCB test points, red, CNLOOPTP
5V, VCC, VDD, 3P3V, VREG
Components
Corporation
TP-104-01-02
1
IC, high accuracy, 200 mA, low dropout linear regulator,
SO8
A1
Analog Devices
ADP3303ARZ-3.3
17
Capacitors, ceramic, X7R 0402, 0.1 µF, C0402, 10%, 16 V
C1 to C12, C15 to C17,
C19, C22
Murata
GRM155R71C104KA88D
2
Capacitors, ceramic, X5R 0603, 10 µF, C0603, 20%, 6.3 V
C13, C20
Murata
GRM188R60J106ME47D
2
Capacitors, ceramic, monolithic chip, C0G, 100 pF,
C0402, 5%, 50 V
C14, C18
Murata
GRM1555C1H101JA01D
1
Capacitors, ceramic, 0805 X7R, 1 µF, C0805H53, 10%, 50 V
C21
Murata
GRM21BR71H105KA12L
1
Capacitor, ceramic, X5R, 10 µF, C0805H60, 10%, 10V
C23
KEMET
C0805C106K8PACTU
1
Capacitor, ceramic, monolithic X7R, 2.2 µF, C1206H71,
10%, 50 V
C24
Murata
GRM31CR71H225KA88L
1
Capacitor, ceramic, C0G 0805, 0.01 µF, C0805, 5%, 50 V
C26
Murata
GCM2195C1H103JA16D
1
Inductor chip ferrite bead, 0.3 Ω, maximum dc
resistance, 0.5 A, 95 Ω at 100 MHz, L1206-3
E1
Laird Technologies, Inc.
LF1206E152R-10
4
Connectors, PCB test point black, CNLOOPTP
GND1to GND3, VNEG
Components
Corporation
TP-104-01-00
1
Connectors, PCB vertical type receptacle SMD,
FX8-120S-SV(21), CNHRSFX8-120S-SV
P1
Hirose
FX8-120S-SV(21)
1
Connectors, PCB BERG header ST male 20P,
TSW-110-08-G-D, CNBERG2X10H330LD36
P2
Samtec
TSW-110-08-G-D
1
Connectors, PCB header 40P male, TSW-120-08-G-D,
CNSAMTECTSW-120-08-T-D
P3
Samtec
TSW-120-08-G-D
21
Resistors, chip SMD jumper, 0 Ω, R0402, 5%
R1, R2, R16 to R21, R24,
R29, R31 to R35, R43 to
R45, R49, R98, R100
Panasonic
ERJ-2GE0R00X
4
Resistors, chip SMD ,0402, 84.5 Ω, R0402, 1%
R3, R4, R9, R10
Panasonic
ERJ-2RKF84R5X
8
Resistors, high frequency chip, 0402, 50 Ω, R0402, 1%
R39 to R42, R101 to R104
Vishay
FC0402E50R0FST1
4
Resistors, precision thick film chip, 34.5 Ω, R0402, 1%
R5, R6, R11, R12
Panasonic
ERJ-2RKF34R5X
10
Resistors, film SMD 1206, 200 Ω, R1206, 2%
R13, R22, R23, R28, R52 to
R57
Welwyn
200R WCR 1206
2
Resistors, precision thick film chip, R0402, 100 kΩ,
R0402, 1%
R25, R27
Panasonic
ERJ-2RKF1003X
1
Resistors, film SMD 0805, 330 kΩ, R0805, 5%
R51
Panasonic
ERJ-6GEYJ334V
19
Resistors, thick film chip, 1 kΩ, R0603, 1%
R58 to R65, R67 to R77
Vishay
CRCW06031K00FKEAHP
19
Resistors, chip SMD 0603, 33 kΩ, R0603, 0.5%
R78 to R85, R87 to R97
SUSUMU
RR0816P-333-D
3
Connectors, PCB BERG header ST male 3P,
SAMTECTSW10608GS3PIN, CNBERG1X3H205LD36
S1 to S3
Samtec
TSW-103-08-G-S
2
Switches, DIP SPST, side actuated, 5435802-9,
SWL880W380H310
SW1, SW3
TE Connectivity
5435802-9
1
Switch, SPST DIP, three position AU
(ALCOSWITCH-7000), 5435802-2, SWSQ380H310
SW2
TE Connectivity
5435802-2
2
XFMR RF 1:1, TC1-1-13M+, AT224-1
T2, T4
Mini-Circuits
TC1-1-13M+
2
XFMR RF 2:1, TC2-1T+, AT224-1
T1, T3
Mini-Circuits
TC2-1T+
1
IC, 35 dB step size programmable DGA, ADL5205,
QFN40_6X6
U1
Analog Devices
ADL5205
1
IC, 32 kb serial EEPROM, 24LC32A-I/MS, MSOP8
U2
Microchip Technology
24LC32A-I/MS
2
Connectors, PCB test point yellow, CNLOOPTP
VCMA, VCMB
Components
Corporation
TP-104-01-04
8
Connectors, PCB coaxial SMA end launch,
JOHNSON142-0701-801, CNJOHNSON142-0701-801
VINA+, VINA−, VINB+,
VINB−, VOUTA+, VOUTA−,
VOUTB+, VOUTB−
Johnson
142-0701-801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com