Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5205ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Data Sheet
ADL5205
Rev. 0 | Page 23 of 31
The power supply jumper configurations (S1 to S3) required for
selecting the evaluation board analog supply (VCC) and digital
supply (VDD) from the external 3.3 V or 5 V power supply are
shown in Table 11. When using a 5 V supply, enable the on-board
3.3 V voltage regulator and select it using the S3 and S2 jumpers,
respectively, to provide digital supply (VDD) to the pull-up resistors
for logic signals.
Table 11. Power Supply Selection Jumpers
Jumper
Function
Supply Selection
VCC = 3.3 V
VCC = 5 V
S1
VCC selection
3P3V
5V
S2
VDD selection
3P3V
VREG
S3
VDD LDO enable
AGND
5V
SIGNAL INPUTS AND OUTPUTS
Signal inputs and outputs for each channel come through a pair
of SMA connectors. In the default configuration, on-board
baluns convert single-ended signals from VINA− and VINB−
into differential signals to the device. Similarly, differential output
signals from the device are converted through the on-board baluns
into single-ended form to the VOUTA+ and VOUTB+ connectors.
MANUAL CONTROLS
Three sets of switches provide the manual control of the states
of the device. Their functions are listed in Table 12. When the
individual switch is in the up position, the signal controlled by
the switch is set to logic high.
Table 12. Switch Block Functions
Switch Block
Function
Device
Pin No.
SW1
Channel B control (eight positions)
Position 1
PWUPB
17
Position 2
LATCHB
14
Position 3
B0
13
Position 4
B1
12
Position 5
B2
11
Position 6
B3
10
Position 7
B4
9
Position 8
B5
8
SW2
Mode control (three positions)
Position 1
Power mode (PM)
6
Position 2
MODE0 (M0)
5
Position 3
MODE1 (M1)
4
SW3
Channel A control (eight positions)
Position 1
A5
3
Position 2
A4
2
Position 3
A3
1
Position 4
A2
40
Position 5
A1
39
Position 6
A0
38
Position 7
LATCHA
37
Position 8
PWUPA
34
Mode Switches
When the power mode (PM) switch is up (logic high or Logic 1),
the device is in low power mode. When the switch is down
(logic low or Logic 0), the device is in high performance mode.
MODE1 and MODE0 (labeled M1 and M0 on the PCB) select
one of three interface modes for the device (parallel, serial/SPI,
or up/down mode), as shown in Table 13. There is no functional
difference between the mode switch settings of 10 and 11.
Table 13. Mode Switch Settings
MODE1, MODE0
Interface
00
Parallel
01
Serial (SPI)
10
Up/down
11
Up/down
Channel Control Switches
The channel control switches include PWUPA, LATCHA, and A5
to A0 for Channel A and PWUPB, LATCHB, and B5 to B0 for
Channel B.
PWUPA and PWUPB are the up positions (logic high) that turn
on their respective channels. When PM is set to logic low (high
performance mode), the total current consumption increases by
approximately 81 mA (that is, one half of the difference between
the enabled current of 175 mA and the disabled current of 14 mA)
when each channel is enabled. When the PM is set to logic high
(low power mode), the total current consumption increases by
approximately 61 mA (that is, one half of the difference between
the enabled current of 135 mA and the disabled current of 14 mA)
when each channel is enabled.
The LATCHA and LATCHB switches are used with the gain control
input bits (A5 to A0 and B5 to B0) to control the corresponding
channel voltage gain. When these switches are in the down (logic
low) position, the gain changes with the position of the gain
control switches. When these switches are in the up position,
the last gain setting is latched into the corresponding channel
of the ADL5205, and the gain stops changing.
For Bits[A5:A0] and Bits[B5:B0], the following equation
determines the voltage gain of each channel of the ADL5205:
Gain = 26 − [A5:A0] dB
where [A5:A0] is the value representing the binary string formed
by Bits[A5:A0] from 0 to 35. When this value exceeds 35, the
gain is set to minimum (−9 dB). The voltage gain for Channel B
is changed by Bits[B5:B0] in the same manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com