Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5205ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Data Sheet
ADL5205
Rev. 0 | Page 7 of 31
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT
TO THESE PINS.
2. THE EXPOSED PAD MUST BE CONNECTED TO
A LOW IMPEDANCE GROUND PLANE. THIS IS
THE GROUND (0V) REFERENCE FOR ALL THE
VOLTAGES IN TABLE 1.
PIN 1
INDICATOR
A4
A5
MODE1
MODE0
PM
DNC
SDIO/B5
SCLK/B4
CSA/A3
GS1/CSB/B3
DNC
VPOS
DNC
DNC
VPOS
DNC
VOUTB–
VOUTB+
VOUTA+
VOUTA–
ADL5205
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CSA/A3
Channel A Select in Serial Mode (CSA). When serial mode is enabled, a logic low selects Channel A.
Bit 3 for Channel A in Parallel Gain Control Interface Mode (A3).
2
A4
Bit 4 for Channel A in Parallel Gain Control Interface Mode (A4).
3
A5
Bit 5 for Channel A in Parallel Gain Control Interface Mode (A5).
4
MODE1
MSB for Mode Control. Use both the MODE0 and MODE1 pins to select parallel, SPI, or up/down
interface mode.
5
MODE0
LSB for Mode Control. Use both the MODE1 and MODE0 pins to select parallel, SPI, or up/down
interface mode.
6
PM
Power Mode. Set this pin to logic low to enable high performance mode, or logic high to enable
low power mode.
7, 19, 20, 23, 25, 26,
28, 31, 32
DNC
Do Not Connect. Do not connect to these pins.
8
SDIO/B5
Serial Data Input and Output in SPI Mode (SDIO).
Bit 5 for Channel B in Parallel Gain Control Interface Mode (B5).
9
SCLK/B4
Serial Clock Input in SPI Mode (SCLK).
Bit 4 for Channel B in Parallel Gain Control Interface (B4).
10
GS1/CSB/B3
MSB for the Gain Step Size Control in Up/Down Mode (GS1).
Channel B Select in Serial Mode (CSB). When serial mode is enabled, a logic low selects Channel B.
Bit 3 for Channel B in Parallel Gain Control Mode (B3).
11
GS0/FA_B/B2
LSB for the Gain Step Size Control in Up/Down Mode (GS0).
Fast Attack for Channel B (FA_B). In serial mode, a logic high on this pin attenuates Channel B
according to the FA bit values in the control register.
Bit 2 for Channel B in Parallel Gain Control Interface (B2).
12
UPDN_CLK_B/B1
Clock Interface for the Channel B Up/Down Function (UPDN_CLK_B).
Bit 1 for Channel B in Parallel Gain Control Interface Mode (B1).
13
UPDN_DAT_B/B0
Data Pin for the Channel B Up/Down Function (UPDN_DAT_B).
Bit 0 for Channel B in Parallel Gain Control Interface Mode (B0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com