Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5205ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5205ACPZ-R7
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5205ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5205ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Data Sheet
ADL5205
Rev. 0 | Page 17 of 31
THEORY OF OPERATION
BASIC STRUCTURE
The ADL5205 is a dual differential, digitally controlled variable
gain amplifier (DGA). Each DGA consists of a 100 Ω differential
input, digitally controlled passive attenuator followed by a
digitally controlled gain amplifier. The input, digitally controlled,
binary weighted attenuator has a range of 0 dB to 23 dB with 1 dB
steps, and the amplifier has a range of 14 dB to 26 dB, also with
1 dB steps. On-chip logic circuitry maps the gain codes such
that the first 12 dB of gain reduction from the maximum gain
are accomplished using the digitally controlled gain amplifier,
only. This topology allows the first 12 dB of gain reduction to be
accompanied by typically 1.2 dB of total noise figure degradation
(at 200 MHz). The OIP3 also remains nearly constant over the
first 12 dB of gain range. The noise figure for the DGA
increases by 1 dB for each decibel of attenuation within the
remaining 23 dB attenuation range. The differential output
impedance of the amplifier is 10 Ω.
CONTROL/LOGIC CIRCUITRY
The ADL5205 features three different gain control interfaces: serial,
parallel, or up/down control, determined by the combination of
the MODE1 and MODE0 pins. For details on controlling the
gain in each of these modes, see the Digital Interface Overview
section. In general, the gain step size is 1 dB; however, larger
step sizes can be programmed as described in the Digital
Interface Overview section. Each amplifier has a maximum gain
of +26 dB (Gain Code 000000) to −9 dB (Gain Code 100011 to
Gain Code 111111). Using the performance mode (PM) pin, users
can lower the power consumption of the device with a slight
degradation in linearity performance.
COMMON-MODE VOLTAGE
The ADL5205 is flexible in terms of input/output coupling. It
can be ac-coupled or dc-coupled at the inputs and/or outputs
within the specified output common-mode levels of 1.2 V to
2.7 V, depending on the supply voltage. If no external output
common-mode voltage is applied, the input and output common-
mode voltages are set internally to half of the supply voltage.
The output common-mode voltages of the ADL5205 are controlled
by the voltages on the VCMA and VCMB pins. Each of these pins
is connected internally through 5 kΩ resistors to the VPOS pin
as well as to the exposed pad (EP). As a result, the common-
mode output voltage at each channel is preset internally to half
of the supply voltage at VPOS. Alternatively, the VCMA and
VCMB pins can be connected to the common-mode voltage
reference output from an ADC, and thus the common-mode
levels between the two devices can be matched without
requiring any external components.
10Ω
100Ω
14dB
TO
26dB
GND
VPOS
VINA+
VINA–
SIDE A
SPI WITH FA,
PARALLEL WITH LATCH,
UP/DOWN
VOUTA–
ADL5205
VOUTA+
PM
MODE0
MODE1
LOGIC
CONTROL
CIRCUITRY
PWUPA
CHANNEL A
CIRCUITRY DUPLICATED FOR CHANNEL B
0dB TO 23dB
Figure 50. Basic Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com