Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD36061G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UD36061G-AG6-R
Description  Internally Compensated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD36061G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UD36061G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UD36061
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-120.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
BST
High-Side Gate Drive Boost Input. BST supplies the drive for the high-side
N-Channel MOSFET switch. Connect a 0.1μF or greater capacitor from SW to BST
to power the high side switch.
2
GND
Ground.
3
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB
with a resistive voltage divider from the output voltage. The feedback threshold is
0.8V.
4
EN
Enable Input. Pulling this pin below the specified threshold shuts the chip down.
Pulling it above the specified threshold enables the chip. Floating this pin shuts the
chip down.
5
VIN
Power Input. IN supplies the power to the IC, as well as the step-down converter
switches. Drive IN with a 3.3V to 36V power source. Bypass IN to GND with a
suitably large capacitor to eliminate noise on the input to the IC.
6
SW
Power Switching Output. SW is the switching node that supplies power to the
output. Connect the output LC filter from SW to the output load. A low VF Schottky
diode to ground is required closed to this pin to reduce switching spikes.
BLOCK DIAGRAM
5
REFFERENCE
UVLO
LOGIC
OSCILATOR
2MHz
INTERNAL
REGULATOR
ISW
ISW
SS
0.8V
0.5ms SS
SS
FB
VIN
BST
SW
GND
EN
1
6
4
3
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com