Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD36061G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD36061G-AG6-R
Description  Internally Compensated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD36061G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD36061G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UD36061
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-120.a
ABSOLUTE MAXIMUM RATING (Note1, 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VIN
-0.3V ~ +40
V
SW Voltage
VSW
-0.3V ~ VIN+0.3
V
BST to SW
VBST
-0.3 ~ 6.0
V
All Other Pins Voltage
-0.3V to + 5.0
V
Power Dissipation
TA=25°C (Note 4)
PD
0.57
W
Maximum Junction Temperature Range
TJ
+150
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C
THERMAL DATA (Note 3)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
220
°С/W
Junction to Case
θJC
110
°С/W
RECOMMENDED OPERATING CONDITIONS (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VIN
+3.3V ~ +36V
V
Output Voltage
VOUT
0.8V ~ 0.8×VIN
V
Operating Junction Temperature Range
TJ
-40 ~ +125
°C
Operating Ambient Temperature Range
TA
-40 ~ +85
°C
Notes: 1. Exceeding these ratings may damage the device.
2. The device is not guaranteed to function outside of its operating conditions.
3. Measured on JESD 51-7, 4-layer PCB.
4. The maximum allowable power dissipation is a function of the maximum junction temperature TJ (MAX),
The junction-to-ambient thermal resistance θJA , and the ambient temperature TA . the maximum allowable
Continuous power dissipation at any ambient temperature is calculated by PD (MAX.) = ( TJ (MAX.) -TA)/ θJA
Exceeding the maximum allowable power regulator will go into thermal shutdown. Internal thermal
shutdown. Circuitry protects the device from permanent damage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com