Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD36061G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD36061G-AG6-R
Description  Internally Compensated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD36061G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD36061G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD36061
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R103-120.a
0.6A, 36V, 2MHZ STEP-DOWN
CONVERTER
DESCRIPTION
The UTC UD36061 is a high frequency (2MHz) step-down
switching regulator with integrated internal high-side high voltage
power MOSFET. It regulates input voltages from 3.3V to 36V down
to an output voltage as low as 0.8V, and supplies 0.6A highly
efficient output with current mode control for fast loop response.
In shutdown mode the supply current drops to 3μA, it allows
use in battery-powered applications.
High power conversion efficiency over a wide load range is
achieved by scaling down the switching frequency at light load
condition to reduce the switching and gate driving losses.
The converter uses internal N-Channel MOSFET switches to
step-down the input voltage to the regulated output voltage. Since
the high side MOSFET requires a gate voltage greater than the
input voltage, a boost capacitor connected between SW and BST is
needed to drive the high side gate. The boost capacitor is charged
from the internal 5V rail when SW is low.
Frequency fold-back helps prevent inductor current runaway
during start-up. Thermal shutdown provides reliable, fault-tolerant
operation.
APPLICATIONS
* High Voltage Power Conversion
* Automotive Systems
* Industrial Power Systems
* Distributed Power Systems
* Battery Powered Systems
FEATURES
SOT-26
1
2
3
4
5
6
* Wide 3.3V ~ 36V Operating Input Range
* 500mΩ Internal Power MOSFETs
* 230μA Operating Quiescent Current
* > 90% Efficiency
* 2MHz Fixed Switching Frequency
* Internally Compensated
* Internal Soft-Start
* Adjustable Output Voltage from 0.8V to 0.8×VIN
* Precision Current Limit Without Current Sensing Resistor
* Stable with Ceramic Output Capacitors
* 3μA Low Shutdown Supply Current


Similar Part No. - UD36061G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD36241 UTC-UD36241 Datasheet
207Kb / 7P
2.4A, 36V, 100KHZ ASYNCHRONOUS STEP-DOWN CONVERTER WITH LOAD LINE COMPENSATION
UD36241L-SH2-R UTC-UD36241L-SH2-R Datasheet
207Kb / 7P
2.4A, 36V, 100KHZ ASYNCHRONOUS STEP-DOWN CONVERTER WITH LOAD LINE COMPENSATION
More results

Similar Description - UD36061G-AG6-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5532 PHILIPS-NE5532 Datasheet
125Kb / 12P
Internally-compensated dual low noise operational amplifier
1997 Sept 29
logo
ON Semiconductor
MC1471 ONSEMI-MC1471 Datasheet
84Kb / 8P
Internally Compensated, High Performance Operational Amplifier
April, 2000 ??Rev. 6
logo
Motorola, Inc
MC1556 MOTOROLA-MC1556 Datasheet
264Kb / 6P
INTERNALLY COMPENSATED, HIGH PERFORMANCE OPERATONAL AMPLIFIER
logo
Leshan Radio Company
LR324 LRC-LR324 Datasheet
223Kb / 10P
Internally Frequency Compensated, Large Voltage Gain
logo
List of Unclassifed Man...
ECG941 ETC1-ECG941 Datasheet
507Kb / 8P
INTERNALLY-COMPENSATED OPERATIONAL AMPLIFIER
logo
Advanced Monolithic Sys...
AMS358 AMS-AMS358 Datasheet
1Mb / 7P
Internally frequency compensated for UNITY GAIN
logo
Leshan Radio Company
LR324 LRC-LR324_12 Datasheet
223Kb / 10P
Internally Frequency Compensated Large Voltage Gain
logo
Fairchild Semiconductor
LM258AMX FAIRCHILD-LM258AMX Datasheet
161Kb / 12P
Internally Frequency Compensated for Unity Gain
logo
Leshan Radio Company
LR324 LRC-LR324_15 Datasheet
223Kb / 10P
Internally Frequency Compensated
logo
ON Semiconductor
MC1741C ONSEMI-MC1741C Datasheet
86Kb / 8P
Internally Compensated, High Performance Operational Amplifier
April, 2000 - Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com