Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD36061G-AG6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UD36061G-AG6-R
Description  Internally Compensated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD36061G-AG6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UD36061G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UD36061G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UD36061
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R103-120.a
ELECTRICAL CHARACTERISTICS
(VIN = 12V, VEN = 2V, TA = +25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
4.0V≦VIN≦36V
794
mV
Feedback Voltage
VFB
3.3V≦VIN≦4.0V
794
mV
HS Switch-On Resistance
(Note 1, 2)
HSRDS-ON VBST-VSW = 5V
500
mΩ
HS Switch Leakage Current
ISWLKG
VEN=0V, VSW=0V
0.1
1
uA
Current Limit (Note 1, 2)
ILIMIT
1.0
A
COMP to Current Sense
Trans-conductance
GCS
3
A/V
Minimum Operating VIN Voltage
3.3
V
VIN UVLO Up Threshold
2.7
3.2
V
VIN UVLO Hysteresis
0.4
V
Soft-start time
TSS
FB from 0 to 1.8V
0.5
msec
Oscillation frequency
FSW
1600
2000
2400
KHz
Minimum On Time (Note 1)
TON_MIN
100
nS
Shutdown Current
ISHDN
VEN = 0V.
3
15
µA
Quiescent Current
IQ
VFB = 0.9V, No load
130
µA
Thermal Shutdown (Note 1)
TSD
150
°C
EN Input High Voltage
VEN_H
VEN Rising
1.4
1.55
1.7
V
EN Shutdown Threshold Voltage
Hysteresis
300
mV
Notes: 1. Guaranteed by design.
2. Not tested in production and guaranteed by over-temperature correlation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com