Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD38252G-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD38252G-SH2-R
Description  Stable with Low ESR Ceramic Output Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD38252G-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UD38252G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UD38252
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R115-008.A
PIN CONFIGURATION
BS
FB
1
2
3
4
8
7
6
5
IN
SW
GND
COMP
SEN1
SEN2
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
BS
Boot-Strap Pin. Supply high side gate driver. Decouple this pin to LX pin with 24ohm +
0.1uF ceramic cap.
2
IN
Power Input pin. Bypass IN to GND with a suitably large capacitor to eliminate noise on
the input to the IC.
3
SW
Power Switching Output. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load.
4
GND
Ground.
PAD
Ground (Connect to GND).
5
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop.
Connect a series RC network from COMP to GND to compensate the regulation control
loop.
7
SEN1
The Current Sense Input (-) pin.
8
SEN2
The Current Sense Input (+) pin = VOUT.
BLOCK DIAGRAM
VDD
SW
GND
SEN+
FB
COMP
PWM Control
&
Protect Logic
CURRENT
SENSE
AMPLIFIER
IN
Softstart
Thermal
Protection
Internal
Power
M2
M1
BS
1V
1.1V
SEN-
Input UVLO
7.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com