Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD38252G-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD38252G-SH2-R
Description  Stable with Low ESR Ceramic Output Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD38252G-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD38252G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UD38252
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R115-008.A
FUNCTION DESCRIPTIONS
The UTC UD38252 is a synchronous rectified, current-mode, step-down regulator. It regulates input voltages
from 8V to 38V down to an output voltage as low as VFB, and supplies up to 2.5A of load current.
The UTC UD38252 uses current-mode control to regulate the output voltage. The output voltage is measured at
FB through a resistive voltage divider and amplified through the internal Tran conductance error amplifier.
The converter uses internal N-Channel MOSFET switches to step-down the input voltage to the regulated output
voltage. Since the high side MOSFET requires a gate voltage greater than the input voltage, a boost capacitor
connected between SW and BS is needed to drive the high side gate. The boost capacitor is charged from the
internal 5V rail when SW is low.
When the UTC UD38252 FB pin exceeds 10% of the nominal regulation voltage of VFB, the over voltage
comparator is tripped and the COMP pin is discharged to GND, forcing the high-side switch off.
APPLICATION INFORMATION
Setting the Output Voltage
The output voltage is set using a resistive voltage divider from the output voltage to FB pin. The voltage divider
divides the output voltage down to the feedback voltage by the ratio.
Thus the output voltage is:
R2
R2
R1
V
V
FB
OUT
For example, VFB =1.00V for a 5.0V output voltage, R2 is 10kΩ, and R1 is 40kΩ.
Inductor Selection
The inductor is required to supply constant current to the output load while being driven by the switched input
voltage. A larger value inductor will result in less ripple current that will result in lower output ripple voltage. However,
the larger value inductor will have a larger physical size, higher series resistance, and/or lower saturation current. A
good rule for determining the inductance to use is to allow the peak-to-peak ripple current in the inductor to be
approximately 30% of the maximum switch current limit.
VIN
<28V
<35V
Inductor
33uH
22uH
The choice of which style inductor to use mainly depends on the price vs. size requirements and any EMI
requirements.
CC Measurement (L=33uH)
RSEN
100mΩ
50mΩ
40mΩ
37mΩ
IOUT
900mA
2000mA
2500mA
2700mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com