Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD38252G-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UD38252G-SH2-R
Description  Stable with Low ESR Ceramic Output Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD38252G-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UD38252G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UD38252
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R115-008.A
TYPICAL APPLICATION CIRCUIT
IN
COMP
PAD
SW
UTC
UD38252
BS
GND
FB
SEN2
SEN1
Input 8~38V
C7
100μF
50V
C1
2.2μF
40V
C6
0.1μF
C5
100μF
VOUT
5V 2.4A
R5
24Ω
D1
SK34
L1 33μH RSEN
37mΩ
R1
40kΩ
C2
10μF
10V
C8
470μF
10V
R2
10kΩ
R3
15kΩ
C3
3.3nF
VOUT=VFB × (1+R1/R2), VFB = 1.00V, R2 suggest 1K~30KΩ
ISEN = 2.7A (ISEN≒VSEN(0.1V) / RSEN(37mΩ))



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com