Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD38252G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD38252G-SH2-R
Description  Stable with Low ESR Ceramic Output Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD38252G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD38252G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UD38252G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD38252
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R115-008.A
38V SYNCHRONOUS BUCK
CONVERTER WITH CC/CV
DESCRIPTION
UTC UD38252 is a wide input voltage, high efficiency Active CC
step-down DC/DC converter that operates in either CV (Constant
Output Voltage) mode or CC (Constant Output Current) mode.
UTC UD38252 provides up to 2.5A output current at 160kHz
switching frequency. Current mode control provides fast transient
response and cycle-by-cycle current limit.
An internal soft-start prevents inrush current at turn-on, provides
a very compact solution with minimal external components.
FEATURES
 
* Wide 8V to 38V Operating Input Range
* Integrated 140mΩ Power MOSFET Switches
* Output Adjustable from VFB(1.00V±2%) to 5.5V
* Up to 92% Efficiency
* Internal Soft-Start.
* Stable with Low ESR Ceramic Output Capacitors
* Fixed 160KHz Frequency
* Cycle-by-Cycle Over Current Protection
* Input Under/Over Voltage Lockout
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
UD38252G-SH2-R
HSOP-8
Tape Reel
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) G: Halogen Free and Lead Free
UD38252G-SH2-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - UD38252G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD38251G-SH2-R UTC-UD38251G-SH2-R Datasheet
274Kb / 7P
Cycle-by-Cycle Over Current Protection
More results

Similar Description - UD38252G-SH2-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38692-ADJ NSC-LP38692-ADJ Datasheet
777Kb / 13P
1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38691-ADJ NSC-LP38691-ADJ Datasheet
750Kb / 13P
500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
LP38843 NSC-LP38843 Datasheet
643Kb / 11P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38843 TI-LP38843_15 Datasheet
962Kb / 17P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38842 TI1-LP38842_15 Datasheet
985Kb / 17P
Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
Unisonic Technologies
UD06122G-K10-3030-R UTC-UD06122G-K10-3030-R Datasheet
361Kb / 10P
Stable with Low ESR Output Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com