Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4841 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4841
Description  Stereo 2W Amplifiers with DC Volume Control, Transient Free Outputs, and Cap-less Headphone Drive
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4841 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM4841 Datasheet HTML 21Page - National Semiconductor (TI) LM4841 Datasheet HTML 22Page - National Semiconductor (TI) LM4841 Datasheet HTML 23Page - National Semiconductor (TI) LM4841 Datasheet HTML 24Page - National Semiconductor (TI) LM4841 Datasheet HTML 25Page - National Semiconductor (TI) LM4841 Datasheet HTML 26Page - National Semiconductor (TI) LM4841 Datasheet HTML 27Page - National Semiconductor (TI) LM4841 Datasheet HTML 28Page - National Semiconductor (TI) LM4841 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Analog Audio LM4841LQ Eval Board
Assembly Part Number: 5510118313-001
Revision: A
Bill of Material
Item
Part Number
Part Description
Qty
Ref Designator
Remark
1
551011373-001
LM4841 Eval Board PCB
etch 001
1
10
482911373-001
LM4841LQ
1
20
151911368-001
Cer Cap 0.068µF 50V
10% 1206
2
CBA, CBB
25
152911368-001
Tant Cap 0.1µF 10V 10%
Size = A 3216
3
C2, C3, C4
26
152911368-002
Tant Cap 0.33µF 10V
10% Size = A 3216
3
CinA, CinB, Cinbeep
27
152911368-003
Tant Cap 1µF 16V 10%
Size = A 3216
3C
BYP, CoutA, CoutB
28
152911368-004
Tant Cap 10µF 10V 10%
Size = C 6032
1C1
31
472911368-002
Res 20K Ohm 1/8W 1%
1206
10
R
INAandB,RGFAandB, RBA,
RBB, R
GIAandB,RFAandB
33
472911368-004
Res 200K Ohm 1/16W
1% 0603
2R
BeepAandB
40
131911368-001
Stereo Headphone Jack
W/ Switch
1
Switchcraft 35RAPC4BH3
41
131911368-002
Slide Switch
4
mute, mode, Gain, SD
Mouser # 10SP003
42
131911368-003
Potentiometer
1
Volume Control
Mouser # 317-2090-100K
43
131911368-004
RCA Jack
3
InA, InB, BeepIn
Mouser # 16PJ097
44
131911368-005
Banana Jack, Black
3
GND, AOUT-, BOUT-
Mouser # ME164-6219
45
131911368-006
Banana Jack, Red
3
VDD, AOUT+, BOUT+
Mouser # ME164-6218
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com