Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4841 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4841
Description  Stereo 2W Amplifiers with DC Volume Control, Transient Free Outputs, and Cap-less Headphone Drive
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4841 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4841 Datasheet HTML 1Page - National Semiconductor (TI) LM4841 Datasheet HTML 2Page - National Semiconductor (TI) LM4841 Datasheet HTML 3Page - National Semiconductor (TI) LM4841 Datasheet HTML 4Page - National Semiconductor (TI) LM4841 Datasheet HTML 5Page - National Semiconductor (TI) LM4841 Datasheet HTML 6Page - National Semiconductor (TI) LM4841 Datasheet HTML 7Page - National Semiconductor (TI) LM4841 Datasheet HTML 8Page - National Semiconductor (TI) LM4841 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Typical Application
Truth Table for Logic Inputs (Note 16)
Headphone
Sense
Gain Select
Mode
Mute
Output Stage Set
To
Volume Control
X
0
0
0
Internal Gain
On
X
0
0
0
Internal Gain
On
X
1
0
0
External Gain
On
X
1
0
0
External Gain
On
On
0
1
0
Internal Gain
On
Off
0
1
0
External Gain
On
On
1
1
0
External Gain
On
Off
1
1
0
Internal Gain
On
X
X
X
1
X
Muted
Note 16: If system beep is detected on the Beep In pin (pin 11), the system beep will be passed through the bridged amplifier regardless of the logic of the Mute
and HP sense pins.
20028003
FIGURE 2. Typical Application Circuit ( MT / MH Package Pinout )
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com