Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4841 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4841
Description  Stereo 2W Amplifiers with DC Volume Control, Transient Free Outputs, and Cap-less Headphone Drive
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4841 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4841 Datasheet HTML 1Page - National Semiconductor (TI) LM4841 Datasheet HTML 2Page - National Semiconductor (TI) LM4841 Datasheet HTML 3Page - National Semiconductor (TI) LM4841 Datasheet HTML 4Page - National Semiconductor (TI) LM4841 Datasheet HTML 5Page - National Semiconductor (TI) LM4841 Datasheet HTML 6Page - National Semiconductor (TI) LM4841 Datasheet HTML 7Page - National Semiconductor (TI) LM4841 Datasheet HTML 8Page - National Semiconductor (TI) LM4841 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM4841
Stereo 2W Amplifiers with DC Volume Control,
Transient Free Outputs, and Cap-less Headphone Drive
General Description
The LM4841 is a monolithic integrated circuit that provides
DC volume control and stereo bridged audio power amplifi-
ers capable of producing 2W into 4
Ω (Note 1) or 2.2W into
3
Ω (Note 2) with less than 1.0% THD.
The LM4841 uses advanced, latest generation circuitry to
eliminate all traces of clicks and pops when the supply
voltages is first applied. The amplifier has a headphone-
amplifier-select input pin that is used to switch the amplifiers
from bridge to single-ended mode for driving headphones. A
new circuit topology eliminates headphone output coupling
capacitors (patent pending).
Boomer® audio integrated circuits are designed specifically
to provide high quality audio while requiring a minimum
amount of external components. The LM4841 incorporates a
DC volume control, stereo bridged audio power amplifiers
and a selectable gain or bass boost, making it optimally
suited for multimedia monitors, portable radios, desktop, and
portable computer applications.
The LM4841 features an externally controlled, low-power
consumption shutdown mode (Shutdown Low), and both a
power amplifier and headphone mute for maximum system
flexibility and performance.
Note 1: When properly mounted to the circuit board, LM4841MH and
LM4841LQ will deliver 2W into 4
Ω. The LM4841MT will deliver 1.1W into 8Ω.
See the Application Information section for LM4841MH usage information.
Note 2: An LM4841MH that has been properly mounted to the circuit board
and forced-air cooled will deliver 2.2W into 3
Ω.
Key Specifications
n
P
O at 1% THD+N
n
into 3
Ω (MH and LQ)
2.2W (typ)
n
into 4
Ω ( MH and LQ)
2.0W (typ)
n
into 8
Ω (MT, MH, and LQ)
1.1W (typ)
n
Single-ended THD+N at 85mW into 32
Ω
1.0%(typ)
n
Shutdown current
0.7µA (typ)
Features
n
Stereo headphone amplifier mode that eliminates the
Output Coupling Capacitors (patent pending)
n
Acoustically Enhanced DC Volume Control Taper
n
System Beep Detect
n
Stereo switchable bridged/single-ended power amplifiers
n
Selectable internal/external gain and bass boost
n
Advanced “click and pop” suppression circuitry
n
Thermal shutdown protection circuitry
Applications
n
Portable and Desktop Computers
n
Multimedia Monitors
n
Portable Radios, PDAs, and Portable TVs
Connection Diagrams
TSSOP Package
20028002
Top View
Order Number LM4841MT or LM4841MH
See NS Package Number MTC28 for TSSOP and MXA28A for Exposed-DAP TSSOP
Boomer® is a registered trademark of National Semiconductor Corporation.
August 2002
© 2002 National Semiconductor Corporation
DS200280
www.national.com


Similar Part No. - LM4841

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
logo
Texas Instruments
LM48410 TI1-LM48410 Datasheet
1Mb / 24P
Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM48410SQ NSC-LM48410SQ Datasheet
735Kb / 20P
Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
logo
Texas Instruments
LM48410SQ/NOPB TI1-LM48410SQ/NOPB Datasheet
1Mb / 24P
Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
LM48410SQX/NOPB TI1-LM48410SQX/NOPB Datasheet
1Mb / 24P
Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
More results

Similar Description - LM4841

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
LM4839 NSC-LM4839 Datasheet
1Mb / 34P
Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4842 NSC-LM4842 Datasheet
1Mb / 31P
Stereo 2W Amplifiers with DC Volume Control Transient Free Outputs, and Cap-less Headphone Drive
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com