Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4841 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4841
Description  Stereo 2W Amplifiers with DC Volume Control, Transient Free Outputs, and Cap-less Headphone Drive
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4841 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM4841 Datasheet HTML 15Page - National Semiconductor (TI) LM4841 Datasheet HTML 16Page - National Semiconductor (TI) LM4841 Datasheet HTML 17Page - National Semiconductor (TI) LM4841 Datasheet HTML 18Page - National Semiconductor (TI) LM4841 Datasheet HTML 19Page - National Semiconductor (TI) LM4841 Datasheet HTML 20Page - National Semiconductor (TI) LM4841 Datasheet HTML 21Page - National Semiconductor (TI) LM4841 Datasheet HTML 22Page - National Semiconductor (TI) LM4841 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Application Information (Continued)
CAP-LESS HEADPHONE (SINGLE-ENDED) AMPLIFIER
OPERATION
An internal pull−up circuit is connected to the HP Sense (Pin
21 HP-IN) headphone amplifier control pin. When this pin is
left unconnected, V
DD is applied to the HP−IN. This turns off
Amp B +OUT (not seen in Fig 5, see Fig 2 Pin 15) and
switches Amp A +OUT’s input signal from an audio signal to
the V
DD/2 voltage present on pin 28 (Amp A + OUT). The
result is muted bridge-connected loads. Quiescent current
consumption is reduced when the IC is in this single−ended
mode.
Figure 5 above shows the implementation of the LM4841’s
headphone control function. An internal comparator with a
nominal 400mV offset monitors the signal present at the
−OUT B output. It compares this signal against the signal
applied to the HP−IN pin (Notice in Figure 5, Pin 21 is
shorted to Pin 17 without a headphone plugged in). When
these signals are equal, as in the case when a BTL is
connected to the amplifier, an internal comparator forces the
LM4841 to maintain bridged−amplifier operation. When the
HP−IN pin is externally floated, such as when headphones
are connected to the jack shown in Figure 5, an internal
pull−up forces V
DD on the internal comparator’s HP−IN in-
puts. This changes the comparator’s output state and en-
ables the headphone function: it turns off Amp B +OUT (not
seen in Fig 5, see Fig 2 Pin 15), switches the Amp A +OUT
input signal from an audio signal to the V
DD/2 DC voltage
present on pin 28, and mutes the bridge-connected loads.
Amp A -OUT and Amp B -OUT drive the headphones.
Figures 2 and 6 also show suggested headphone jack elec-
trical connections. The jack is designed to mate with a
three−wire plug. The plug’s tip and ring should each carry
one of the two stereo output signals, whereas the sleeve
provides the return to Amp A +OUT. A headphone jack with
one control pin contact is sufficient to drive the HP−IN pin
when connecting headphones
A switch can replace the headphone jack contact pin. When
a switch shorts the HP−IN pin to V
DD (An open switch
contact will accomplish this because there is an internal
pull-up resistor), the bridge−connected speakers are muted
and Amp A -OUT and Amp B -OUT drive the stereo head-
phones. When a switch shorts the HP−IN pin to GND (pulling
down the internal pull-up resistor), the LM4841 operates in
bridge mode. If headphone drive is not needed, short the
HP−IN pin to the −OUTB pin.
ESD Protection
As stated in the Absolute Maximum Ratings, pin 28 on the
MT/MH packages and pin 25 on the LQ package, have a
maximum ESD susceptibility rating of 6500V. For higher
ESD voltages, the addition of a PCDN042 dual transil (from
California Micro Devices), as shown in Figure 6, will provide
additional protection.
GAIN SELECT FUNCTION (Bass Boost)
The LM4841 features selectable gain, using either internal or
external feedback resistors. Either set of feedback resistors
set the gain of the output amplifiers. The voltage applied to
the GAIN SELECT pin controls which gain is selected. Ap-
plying V
DD to the GAIN SELECT pin selects the external gain
mode. Applying 0V to the GAIN SELECT pin selects the
internally set unity gain.
In some cases a designer may want to improve the low
frequency response of the bridged amplifier or incorporate a
bass boost feature. This bass boost can be useful in systems
where speakers are housed in small enclosures. A resistor,
R
BA, and a capacitor, CBA, in parallel, can be placed in series
with the feedback resistor of the bridged amplifier as seen in
Figure 7.
20028094
FIGURE 6. The PCDN042 provides additional ESD protection beyond the 6500V shown in the
Absolute Maximum Ratings for the AMP2A output
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com