Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LW080 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT49LW080 Datasheet HTML 13Page - ATMEL Corporation AT49LW080 Datasheet HTML 14Page - ATMEL Corporation AT49LW080 Datasheet HTML 15Page - ATMEL Corporation AT49LW080 Datasheet HTML 16Page - ATMEL Corporation AT49LW080 Datasheet HTML 17Page - ATMEL Corporation AT49LW080 Datasheet HTML 18Page - ATMEL Corporation AT49LW080 Datasheet HTML 19Page - ATMEL Corporation AT49LW080 Datasheet HTML 20Page - ATMEL Corporation AT49LW080 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
17
AT49LW080/040
1966C–FLASH–03/02
Notes:
1. X = Any valid address within the device
2. The sector must be not be write locked when attempting sector erase or program operations. Attempts to issue a sector
erase or byte program to a write locked sector will fail.
3. SA = Sector address. Any byte address within a sector can be used to designate the sector address (see page 13).
4. Either 40H or 10H is recognized as the program setup.
5. Following the Product ID Entry command, read operations access manufacture and device ID. See Table 12.
6. AID = Address used to read data for manufacture or device ID
7. SRD = Data Read from status register
Table 11. General-purpose Input Registers
Bit
Function
7:5
Reserved
4
FGPI[4]
Reads status of general-purpose input pin (PLCC-30/TSOP-7)
3
FGPI[3]
Reads status of general-purpose input pin (PLCC-3/TSOP-15)
2
FGPI[2]
Reads status of general-purpose input pin (PLCC-4/TSOP-16)
1
FGPI[1]
Reads status of general-purpose input pin (PLCC-5/TSOP-17)
0
FGPI[0]
Reads status of general-purpose input pin (PLCC-6/TSOP-18)
Command Definitions in (Hex)
Command Sequence
Bus Cycles
Operation
1st Bus Cycle
Operation
2nd Bus Cycle
Addr
Data
Addr
Data
Read Array/Reset
1
Write
XXXX
FF
Sector Erase
(2)(3)
2Write
SA
20
Write
SA
D0
Byte Program
(2)(4)
2
Write
Addr
40 or 10
Write
Addr
D
IN
Sector Erase Suspend
(2)
1
Write
XXXX
B0
Program Suspend
(2)
Write
Sector Erase Resume
(2)
1
Write
XXXX
D0
Program Resume
(2)
Write
Product ID Entry
(5)
2
Write
XXXX
90
Read
AID
(6)
DOUT
Read Status Register
2
Write
XXXX
70
Read
XXXX
SRD
(7)
Clear Status Register
1
Write
XXXX
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com