Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LW080 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49LW080 Datasheet HTML 2Page - ATMEL Corporation AT49LW080 Datasheet HTML 3Page - ATMEL Corporation AT49LW080 Datasheet HTML 4Page - ATMEL Corporation AT49LW080 Datasheet HTML 5Page - ATMEL Corporation AT49LW080 Datasheet HTML 6Page - ATMEL Corporation AT49LW080 Datasheet HTML 7Page - ATMEL Corporation AT49LW080 Datasheet HTML 8Page - ATMEL Corporation AT49LW080 Datasheet HTML 9Page - ATMEL Corporation AT49LW080 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
AT49LW080/040
1966C–FLASH–03/02
Firmware Hub
Interface (FWH)
Table 2 lists the seven required signals used for the FWH interface.
FWH[3:0]: The FWH[3:0] signal lines communicate address, control, and data informa-
ti on o ver th e LPC bu s betw een a m as te r an d a p eri ph era l. T he i nfo rm atio n
communicated are: start, stop (abort a cycle), transfer type (memory, I/O, DMA), trans-
fer direction (read/write), address, data, wait states, DMA channel, and bus master
grant.
FWH4: FWH4 is used by the master to indicate the start of cycles and the termination of
cycles due to an abort or time-out condition. This signal is to be used be by peripherals
to know when to monitor the bus for a cycle.
The FWH4 signal is used as a general notification that the FWH[3:0] lines contain infor-
mation relative to the start or stop of a cycle, and that peripherals must monitor the bus
to determine whether the cycle is intended for them. The benefit to peripherals of FWH4
is, it allows them to enter lower power states internally.
When peripherals sample FWH4 active, they are to immediately stop driving the
FWH[3:0] signal lines on the next clock and monitor the bus for new cycle information.
RESET: RST or INIT at VIL initiates a device reset. In read mode, RST or INIT low
deselects the memory, places output drivers in a high-impedance state, and turns off all
internal circuits. RST or INIT must be held low for time tPLPH (A/A Mux and FWH opera-
tion). The FWH resets to read array mode upon return from reset, and all sectors are set
to default (locked) status regardless of their locked state prior to reset.
Driving RST or INIT low resets the device, which resets the sector lock registers to their
default (write-locked) condition. A reset time (tPHQV A/A Mux) is required from RST or
INIT switching high until outputs are valid. Likewise, the device has a wake time (tPHRH
A/A Mux) from RST or INIT high until writes to the CUI are recognized. A reset latency
will occur if a reset procedure is performed during a programming or erase operation.
During sector erase or program, driving RST or INIT low will abort the operation under-
way, in addition to causing a reset latency. Memory contents being altered are no longer
valid, since the data may be partially erased or programmed.
It is important to assert RST or INIT during system reset. When the system comes out of
reset, it will expect to read from the memory array of the device. If a system reset occurs
with no FWH reset (this will be hardware dependent), it is possible that proper CPU ini-
tialization will not occur (the FWH memory may be providing status information instead
of memory array data).
Table 2. FWH Required Signal List
Signal
Direction
Description
Peripheral
Master
FWH[3:0]
I/O
I/O
Multiplexed command, address and data
FWH4
I
O
Indicates start of a new cycle, termination of broken
cycle.
RST
I
I
Reset: Same as PCI Reset on the master. The master
does not need this signal if it already has PCIRST on
its interface.
CLK
I
I
Clock: Same 33 MHz clock as PCI clock on the
master. Same clock phase with typical PCI skew. The
master does not need this signal if it already has
PCICLK on its interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com