Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LW080 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49LW080 Datasheet HTML 1Page - ATMEL Corporation AT49LW080 Datasheet HTML 2Page - ATMEL Corporation AT49LW080 Datasheet HTML 3Page - ATMEL Corporation AT49LW080 Datasheet HTML 4Page - ATMEL Corporation AT49LW080 Datasheet HTML 5Page - ATMEL Corporation AT49LW080 Datasheet HTML 6Page - ATMEL Corporation AT49LW080 Datasheet HTML 7Page - ATMEL Corporation AT49LW080 Datasheet HTML 8Page - ATMEL Corporation AT49LW080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
AT49LW080/040
1966C–FLASH–03/02
I/O0 - I/O7
I/O
X
DATA INPUT/OUTPUTS: These pins receive data and commands during
write cycles and transmit data during memory array and identifier code
read cycles. Data pins float to high-impedance when the chip is
deselected or outputs are disabled. Data is internally latched during a
write cycle.
OE
INPUT
X
OUTPUT ENABLE: Gates the device’s outputs during a read cycle.
R/C
INPUT
X
ROW-COLUMN ADDRESS SELECT: For the A/A Mux interface, this pin
determines whether the address pins are pointing to the row addresses,
A0 - A10, or to the column addresses, A11 - A18 (AT49LW040) or
A11 - A19 (AT49LW080).
WE
INPUT
X
WRITE ENABLE: Controls writes to the array sectors. Addresses and
data are latched on the rising edge of the WE pulse.
VPP
SUPPLY
X
X
SECTOR ERASE/PROGRAM POWER SUPPLY: For erasing array
sectors or programming data. V
PP = 3.3V or 12V. With VPP ≤ VPPLK,
memory contents cannot be altered. Sector erase or program with an
invalid V
PP (see DC Characteristics) produces spurious results and
should not be attempted. VPP may only be held at 12V for 80 hours over
the lifetime of the device.
VCC
SUPPLY
X
X
DEVICE POWER SUPPLY: Internal detection automatically configures
the device for optimized read performance. Do no float any power pins.
With V
CC ≤ VLKO, all write attempts to the flash memory are inhibited.
Device operations at invalid V
CC voltages (see DC Characteristics)
produce spurious results and should not be attempted.
GND
SUPPLY
X
X
GROUND: Do not float any ground pins.
VCCa
SUPPLY
X
X
ANALOG POWER SUPPLY: This supply should share the same system
supply as VCC.
GNDa
SUPPLY
X
X
ANALOG GROUND: Should be tied to same plane as GND.
RFU
X
RESERVED FOR FUTURE USE: These pins are reserved for future
generations of this product and should be connected accordingly. These
pins may be left disconnected or driven. If they are driven, the voltage
levels should meet VIH and VIL requirements.
A/A Mux = I/O[7:4]
NC
X
X
NO CONNECT: Pin may be driven or floated. If it is driven, the voltage
levels should meet VIH and VIL. No connects appear only on the 40-lead
TSOP package.
RY/BY
OUTPUT
X
READY/BUSY: Valid only in A/A Mux Mode. This output pin is a reflection
of bit 7 in the status register. This pin is used to determine sector erase or
program completion.
Table 1. Pin Description (Continued)
Symbol
Type
Interface
Name and Function
FWH
A/A Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com