Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LW080 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT49LW080 Datasheet HTML 1Page - ATMEL Corporation AT49LW080 Datasheet HTML 2Page - ATMEL Corporation AT49LW080 Datasheet HTML 3Page - ATMEL Corporation AT49LW080 Datasheet HTML 4Page - ATMEL Corporation AT49LW080 Datasheet HTML 5Page - ATMEL Corporation AT49LW080 Datasheet HTML 6Page - ATMEL Corporation AT49LW080 Datasheet HTML 7Page - ATMEL Corporation AT49LW080 Datasheet HTML 8Page - ATMEL Corporation AT49LW080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
AT49LW080/040
1966C–FLASH–03/02
CLK
INPUT
X
33 MHz CLOCK for FWH INTERFACE: This input is the same as the PCI
clock and adheres to the PCI specification.
A/A Mux = R/C
FWH[3:0]
I/O
X
FWH I/Os: I/O Communication.
A/A Mux = I/O[3:0]
FWH4
INPUT
X
FWH INPUT: Input Communication.
A/A Mux = WE
ID[3:0]
INPUT
X
IDENTIFICATION INPUTS: These four pins are part of the mechanism
that allows multiple parts to be attached to the same bus. The strapping
of these pins is used to identify the component. The boot device must
have ID[3:0] = 0000 and it is recommended that all subsequent devices
should use a sequential up-count strapping (i.e., 0001, 0010, 0011, etc.).
These pins are pulled down with internal resistors, with values between
20 and 100 k
Ω when in FWH mode. Any ID pins that are pulled high will
exhibit a leakage current of approximately 200 µA. Any pins intended to
be low may be left to float. In a single FWH system, all may be left
floating.
A/A Mux = A[3:0]
FGPI[4:0]
INPUT
X
FWH GENERAL PURPOSE INPUTS: These individual inputs can be
used for additional board flexibility. The state of these pins can be read
through FWH registers. These inputs should be at their desired state
before the start of the PCI clock cycle during which the read is attempted,
and should remain at the same level until the end of the read cycle. They
may
only be used for 3.3V signals. Unused FGPI pins must not be
floated.
A/A Mux = A[10:6]
TBL
INPUT
X
TOP SECTOR LOCK: When low, prevents programming or sector erase
to the highest addressable sector (7 in a 4-Mbit, 15 in an 8-Mbit
component) regardless of the state of the lock registers TBL high disables
hardware write protection for the top sector, though register-based
protection still applies. The status of TBL does not affect the status of
sector-locking registers.
A/A Mux = A4
WP
INPUT
X
WRITE-PROTECT: When low, prevents programming or sector erase to
all but the highest addressable sectors (0 - 6 in a 4-Mbit, 0 - 14 in an
8-Mbit component), regardless of the state of the corresponding lock
registers. WP-high disables hardware write protection for these sectors,
though register-based protection still applies. The status of TBL does not
affect the status of sector-locking registers.
A/A Mux = A5
A0 - A10
INPUT
X
LOW-ORDER ADDRESS INPUTS: Inputs for low-order addresses during
read and write operations. Addresses are internally latched during a write
cycle. For the A/A Mux interface these addresses are latched by R/C and
share the same pins as the high-order address inputs.
Table 1. Pin Description (Continued)
Symbol
Type
Interface
Name and Function
FWH
A/A Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com