Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCP-1UI Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # RCP-1UI
Description  UNIVERSAL AC INPUT / FULL RANGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RCP-1UI Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  RCP-1UI Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ADDRESS
RCP-1UT
RCP-1UI
SWITCH
LA
LB
LC
NA
NB
NC
10
8
CN500
Mounting Bracket
Fig1
CN500
1
14
13
25
Air flow
direction
A
B
C
+
+
-
-
1
1
14
14
13
13
25
25
22
22
DC OK
DC OK
DC OK
AC OK
AC OK
AC OK
10.6
466.2
Module C
Module B
Module A
483.6
440
ADDRESS
SWITCH
Mechanical Specification (Rack System)
Case No. 959A
Unit:mm
File Name:RCP-1U Rack System-SPEC 2016-07-26
1000 ~ 3000W 1U Distributed Power System
RCP-1U Rack System
※ Mounting Instruction
Hole No.
Recommended Screw Size
MAX. Penetration Depth L
Recommended mounting torque
1
6mm
M5
10Kgf-cm
Mounting Screw
Mounting Surface
Chassis of RCP-1U RACK
L
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com