Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCP-1UI Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RCP-1UI
Description  UNIVERSAL AC INPUT / FULL RANGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RCP-1UI Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RCP-1UI Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
℃
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. Under parallel
operation of more than one rack connecting together, ripple of the output voltage may be higher than the SPEC at light load condition. It will go back to
normal ripple level once the output load is more than 10%. .
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. All the EMC tests are been executed by mounting the unit on
a
mm*
mm metal plate with 1mm of thickness. The final equipment must be re-confirmed that it still meets EMC directives.
720
360
For guidance on how to
perform these EMC tests, please refer to “EMI testing of component power supplies.” (as available on http://www.meanwell.com)
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
6. Output of all the RCP-1000 modules are connected in parallel in the rack.
SPECIFICATION - Power Supply System
RCP-3K1U
-12
□
RCP-3K1U
-24
□
RCP-3K1U
-48
□
MODEL
VOLTAGE RANGE
Note.5
RECTIFIER
OUTPUT VOLTAGE
RACK SHELF
MAX. OUTPUT CURRENT
MAX. OUTPUT POWER Note.6
FREQUENCY RANGE
INPUT
OUTPUT
LEAKAGE CURRENT
AC CURRENT (Typ.)PER MODULE
90 ~ 264VAC
127 ~ 370VDC
2160W
3024W
180A
63A
12V
RCP-1UI or RCP-1UT
48V
RCP-1000-12
RCP-1000-24
RCP-1000-48
47 ~ 63Hz
<3.5mA / 230VAC
8.5A/115VAC
4.5A/230VAC
10.5A/115VAC
5.5A/230VAC
11A/115VAC
5.5A/230VAC
SAFETY STANDARDS
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
DIMENSION
PACKING
OTHERS
UL60950-1, TUV EN60950-1 approved
-20 ~ +60
(Refer to "Derating Curve")
℃
20 ~ 90% RH non-condensing
-40 ~ +85
, 10 ~ 95% RH
℃
±℃
℃
0.02%/
(0 ~ 50
)
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
Rack 483.6*350.8*44(L*W*H)
ENVIRONMENT
I/P-O/P:3KVAC
I/P-FG:2KVAC
O/P-FG:0.7KVDC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
℃
13.2Kg; 1pcs/13.2Kg/2.67CUFT
REMOTE SENSE
REMOTE ON-OFF CONTROL
AUXILIARY POWER
By electrical signal or dry contact
ON:short
OFF:open
5V @ 0.3A
FUNCTION
SAFETY &
EMC
(Note 4)
2880W
120A
24V
Logic " High" for over temperature warning, Please refer to the Installation Manual, isolated signal
OVER TEMP WARNING
Adjustment of output voltage is allowable to 90 ~ 110% of nominal output voltage. Please refer to the Function Manual.
Compensate voltage drop on the load wiring up to 0.5V.
OUTPUT VOLTAGE PROGRAMMABLE
AC OK SIGNAL
DC OK SIGNAL
The isolated TTL signal out, Please refer to the Installation Manual
The isolated TTL signal out, Please refer to the Installation Manual
File Name:RCP-1U Rack System-SPEC 2016-07-26
EMC IMMUNITY
EMC EMISSION
Parameter
Parameter
ESD
Radiated
EFT / Burst
Surge
Conducted
Magnetic Field
Voltage Dips and Interruptions
Conducted
Radiated
Harmonic Current
Voltage Flicker
EN55024 , EN61204-3, EN61000-6-2
Standard
Standard
EN55022 (CISPR22) / EN55011 (CISPR11)
EN55022 (CISPR22) / EN55011 (CISPR11)
EN61000-3-2
EN61000-3-3
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
Test Level / Note
Test Level / Note
Level 3, 8KV air ; Level 2, 4KV contact
Level 3
Level 3
Level 3
Level 4
>95% dip 0.5 periods, 30% dip 25 periods,
>95% interruptions 250 periods
Class B
Class B
-----
-----
1000 ~ 3000W 1U Distributed Power System
RCP-1U Rack System
Level 4, 4KV/Line-Earth ; Level 3, 2KV/Line-Line



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com