Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCP-1UI Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RCP-1UI
Description  UNIVERSAL AC INPUT / FULL RANGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RCP-1UI Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RCP-1UI Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
File Name:RCP-1U Rack System-SPEC 2016-07-26
■ Model Encoding / Order Information
■ Description
RCP-1U rack system is a power distribution solution utilizing the rack configuration with 1U low profile.
Starting with a single unit of 1000W, RCP-1000 is the front end rectifier (or, power supply). With the active
current sharing function, up to 3000W is able to be provided by 1 stack of the 19 rack mountable shelf
”
RCP-1U and 8000W by 3 stacks. The design flexibility for system applications is ideally fulfilled by various
built-in features, such as output programming, remote ON-OFF, auxiliary power, etc.
Universal AC input / Full range
1U profile 19 rack shelf, fitting three 1000W modules
”
up to 3000W with active current sharing
Output voltage programmable
Support hot swap (hot plug)
5 years warranty
■ Features
■ Applications
Industrial automation
Distributed power architecture system
Wireless/telecommunication solution
Redundant power system
Electric vehicle charger system
Constant current source system
Bauar
Sicherheit
egel
ge
ma
t gepruft
od
be
www.
ID 2000000000
tuv.com
wac
g
os
1000 ~ 3000W 1U Distributed Power System
RCP-1U Rack System
II
Rack Shelf:
RCP-1U
Whole System:
RCP-3K1U -12 - C
T: Terminal block
I: AC Inlet (IEC320-C14)
Series name
Profile of the system
I: AC Inlet (IEC320-C14)
1U: Profile of the system
3K: Maximum wattage with
fully-populated shelf
T: Terminal block
Output voltage
C: With I C Interface
2
: Without I C Interface
2
Series name
13.8
Rack Dimension
L
483.6
19
W
350.8
H
44 (1U)
(1U)
mm
inch
1.73
*
*
*
*
*
*
-


Similar Part No. - RCP-1UI

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RCP-1000 MEANWELL-RCP-1000 Datasheet
669Kb / 8P
1000 ~ 3000W Front End Power System
RCP-1000-12 MEANWELL-RCP-1000-12 Datasheet
669Kb / 8P
1000 ~ 3000W Front End Power System
RCP-1000-12 MEANWELL-RCP-1000-12 Datasheet
682Kb / 8P
1000 ~ 3000W Front End Power System
RCP-1000-24 MEANWELL-RCP-1000-24 Datasheet
669Kb / 8P
1000 ~ 3000W Front End Power System
RCP-1000-24 MEANWELL-RCP-1000-24 Datasheet
682Kb / 8P
1000 ~ 3000W Front End Power System
More results

Similar Description - RCP-1UI

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
Universal AC input/Full range
logo
Mean Well Enterprises C...
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
UNIVERSAL AC INPUT/FULL RANGE
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
Universal AC input / full range
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com