Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCP-1UI Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # RCP-1UI
Description  UNIVERSAL AC INPUT / FULL RANGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RCP-1UI Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  RCP-1UI Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RCP-1UI Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Pin No.
Function
Description
1,8,15
2,9,16
3,10,17
4,11,18
5,12,19
7
23
25
14
6
Remote
ON-OFF
AC-OK
DC-OK
V-TRIM
T-ALARM
GND-AUX
SCL
-V
CS
+5V-AUX
Each unit can separately turn the output on and off by electrical or dry contact between Remote ON-OFF A,B,C(pin 1,8,15) and -S(pin 21). Short: ON, Open:OFF.
Low : When input voltage is
82Vrms +/-4V.
≧
High : When input voltage in
82Vrms +/-4V.
≦
High : When Vout
80%+/-5%.
≦
Low : When Vout
80%+/-5%
≧
Connection for output voltage programming.
High : When the internal temperature is within safe limit.
Low : 10
below the thermal shut down limit.
℃
Auxiliary voltage output GND.
The signal return is isolated from the output terminals (+V & -V).
Serial clock used in the I C interface option. Refer to the Instruction Manual.
Negative output voltage.
Current sharing signal.
When units are connected in parallel, the CS pins of the units should be connected to allow current balance between units.
Auxiliary voltage output, 4.3~5.3V, referenced to GND-AUX(pin 7).
The maximum load current is 0.3A. This output has the built-in "Oring diodes" and is not controlled by the remote ON/OFF control.
2
20
21
+S
-S
Positive sensing for Remote Sense.
Negative sensing for Remote Sense.
22
+V
Positive output voltage.
24
SDA
Serial data used in the I C interface option. Refer to the Instruction Manual.
2
※ IN/OUT Connector Pin No. Assignment(
) : D-Type Right Angle 25 positions(female type)
CN500
File Name:RCP-1U Rack System-SPEC 2016-07-26
Please refer to the manual of RCP-1U system.
Installation Manual
1000 ~ 3000W 1U Distributed Power System
RCP-1U Rack System
1
14
13
25



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com