Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCHQ200G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UCHQ200G-S08-R
Description  CMOS IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCHQ200G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UCHQ200G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 5Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UCHQ200
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R121-029.a
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOP-8
05: 5. 0V
09: 9.0V
12: 12V
20: 20V
PIN CONFIGURATION
7
6
5
4
3
2
1
GND
VSEN1
VSEN2
VDD
8
VREF
VSEN3
D-
D+
PIN DISCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1
GND
Ground Pin.
2
VSEN1
Open Drain Output of output voltage adjustment switch. Active for 9V, 12V,
20V output setting.
3
VSEN2
Open Drain Output of output voltage adjustment switch. Active for 12V, 20V
output setting.
4
VSEN3
Open Drain Output of output voltage adjustment switch. Active for 20V
output setting.
5
D-
USB D- data line input
6
D+
USB D+ data line input
7
VREF
Internal Reference Voltage Output Pin. It must be with a resistor to GND
8
VDD
Power Supply Input Pin.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com