Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCHQ200G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCHQ200G-S08-R
Description  CMOS IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCHQ200G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UCHQ200G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 5Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UCHQ200
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R121-029.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage
VDD
-0.3 ~ +8.0
V
All Other Pins Voltage
-0.3 ~ +8.0
V
Storage Temperature
TS
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply Voltage
VDD
Operating
4.0
6.0
V
Operating Temperature Range
TOPR
-40
+85
°C
ELECTRICAL CHARACTERISTICS (VDD=5V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
VDD
4
6
V
Input UVLO Threshold
VUVLO(VTH)
VDD Rising
2.0
4.2
V
VDD Supply Current
VDD=5V,Measure VDD,
SW1=SW2=SW3=off
600
uA
VDD Shunt Voltage
VDD(SHUNT)
IVDD=3mA
6.4
V
Reference Voltage Output
VR
1.18
1.23
1.28
V
High Voltage Dedicated Charging Port (HVDCP)
Data Detect Voltage
VDAT(REF)
0.25
0.325
0.4
V
D+ High Glitch Filter Time
TGLITCH(BC)-D+_H
1000
1250
1500
ms
Output Voltage Glitch Filter Time
TGLITCH(V)CHANGE
20
40
60
ms
D- Pull-Down Resistance
RD-(DWN)
20
kΩ
Switch SW1 on-resistance
RDS_ON_N1
SW1=200uA
300
Ω
Switch SW2 on-resistance
RDS_ON_N2
SW2=200uA
300
Ω
Switch SW3 on-resistance
RDS_ON_N3
SW3=200uA
300
Ω
Switch SW5 on-resistance
RDS_ON_N5
SW5=200uA
40
Ω
DCP 1.2V Charging Mode
D+_1.2V/D-_1.2V line output voltage
1.08
1.2
1.32
V
D+_1.2V/D-_1.2V line output Impedance
100
kΩ
Apple 2.4A Mode
D+_2.7V/D-_2.7V line output voltage
2.57
2.7
2.84
V
D+_2.7V/D-_2.7V line output Impedance
33.6
kΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com