Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCHQ200G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UCHQ200G-S08-R
Description  CMOS IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCHQ200G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UCHQ200G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 5Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UCHQ200
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R121-029.a
APPLICATION INFORMATION
Function Description
The UTC UCHQ200 is a USB Dedicated Charging Port Controller can fast charge most of the handheld devices.
It can be like the original charging adapter. The UCHQ200 can support BC1.2, Apple Divider mode, Samsung
device.
The UTC UCHQ200 is a low cost USB high voltage dedicated charging port interface IC for Quick Charge 2.0
specification. It also supports full output voltage range of Quick Charge 2.0 Class A or Class B.
Quick Charge 2.0 Interface
Power up D+/D- is supply 2.7V to Apple Device and then supply D+ short to D- into BC1.2. Set the output voltage
level 5V. If D+ continuous above 0.325V and keep 1.25 seconds UCHQ200 into Quick Charge 2.0 operation mode.
The output voltage (12V) can be inhibited by connect VSEN2 to VDD. The output voltage (20V) can be inhibited by
connect VSEN3 to VDD.
If PD without QC 2.0 the device will keep output voltage level 5V guarantee safe operation for only 5V USB PD.
Shunt Regulator
The wide power supply output voltage through external resistor from RVDD to VIN. The internal with Zener-Diode
clamp VIN pin at 6.4V. RVDD=2.2KΩ and CVDD=1uF. RREF=127 KΩ.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com