Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCHQ200G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCHQ200G-S08-R
Description  CMOS IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCHQ200G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCHQ200G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 5Page - Unisonic Technologies UCHQ200G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCHQ200
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R121-029.a
USB DEDICATED CHARGING
PORT CONTROLLER WITH QC
2.0 FAST CHARGING
FUNCTION
DESCRIPTION
The UTC UCHQ200 is a fast charge protocol controller and
follows Quick Charge 2.0 specification for smart power bank
application. The protocol feature monitors USB D+/D- data line
voltage, and automatically adjusts output voltage of power bank
and wall adaptor to optimize charge time.
UTC UCHQ200 is a high performance solution for fast-charging
mechanism and it saves charging time. It supports the full output
voltage range of either Class A or Class B. Optionally Class B can
be inhibited for protecting the battery charger from accidental
damage.
UTC UCHQ200 can support not only USB BC compliant
devices, but also Apple / Samsung devices and automatically
detects whether a connected powered device (PD) is Quick
Charge 2.0 capable before enabling output voltage adjustment. If a
PD not compliant to Quick Charge 2.0 is detected the UCHQ200
disables output voltage adjustment to ensure safe operation with
legacy 5V only USB PDs.
FEATURES
SOP-8
* Fully Supports Quick Charge 2.0 specification:
Class A: 5V, 9V, 12V Output Voltage.
Class B: 5V, 9V, 12V, 20V Output Voltage.
* Supports USB DCP Shorting D+ Line to D- Line per USB Battery Charging Specification, Revision 1.2.
* Meets Chinese Telecommunication Industrial Standard YD/T 1591-2009.
* Supports USB DCP applying 2.7V on D+ line and 2.7V on D- line.
* Supports USB DCP applying 1.2V on D+ and D- lines.
* Automatic selection of D+/D- mode for an attached device.
*Compliant with Apple and Samsung devices.
ORDERING INFORMATION
Ordering Number
Package
Packing
UCHQ200G-S08-R
SOP-8
Tape Reel


Similar Part No. - UCHQ200G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCHQ613G-AG6-R UTC-UCHQ613G-AG6-R Datasheet
224Kb / 9P
CMOS IC
More results

Similar Description - UCHQ200G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com