Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05021G-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD05021G-AF5-R
Description  Thermal Shutdown Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05021G-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UD05021G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UD05021
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R115-010.A
PIN CONFIGURATION
12
3
54
EN
GND
SW
FB
VCC
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
EN
Chip enable pin. Active high.
2
GND
Ground pin
3
SW
Switching pin
4
VCC
VCC input pin
5
FB
Feedback pin
BLOCK DIAGRAM
EN
FB
GND
SW
VCC
+
-
EA
0.6V
UVLO
and POR
Reference
And bias
softatart
+
COMP
+
-
Thermal
shutdown
Driver
OSCILLATOR
ILimit
PWM
Control
logic
P-switch
-
ISEN
+



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com