Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05021G-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD05021G-AF5-R
Description  Thermal Shutdown Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05021G-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD05021G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UD05021
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R115-010.A
TYPICAL APPLICATION CIRCUIT
1.8V≦VOUT≦4.4V
EN
GND
FB
SW
VCC
VIN
C1
10uF
OFF ON
R1
R2
CFB
22P
Option
C2
10uF ×2
L1
2.2~4.7uH
VOUT
2A
VOUT=0.6x(1+R1/R2)
option
VOUT=VFB × (1+R1/R2), VFB=0.6V, R2 suggest 60k~300kΩ
1.0V≦VOUT≦1.6V
EN
GND
FB
SW
VCC
VIN
C1
10uF
OFF ON
R2
C3
22uF
L1
2.2uH
VOUT
2A
VOUT=0.6x(1+R1/R2)
option
C2
22uF
R1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com