Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05021G-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UD05021G-AF5-R
Description  Thermal Shutdown Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05021G-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UD05021G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UD05021
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R115-010.A
FUNCTION DESCRIPTION
Normal Operation
The UD05021 uses a user adjustable frequency, current mode, synchronous step-down architecture with internal
paver switch. During normal operation, the internal power switch is turned on each cycle when the oscillator sets the
SR latch, and turned off when the comparator resets the SR latch. The peak inductor current at which comparator
resets the SR latch is controlled by the output of error amplifier EA. While the high-side switch is off, the external
schottky diode turns on until either the inductor current starts to reverse or the beginning of the next switching cycle.
Dropout Operation
As the input supply voltage decreases to a value approaching the output voltage, the duty cycle increases toward
the maximum on-time. Further reduction of the supply voltage forces the high-side switch to remain on for more than
one cycle until it reaches 100% duty cycle.
The output voltage is dropped from the input supply for the voltage which across the high-side switch.
Setting the Output Voltage
Application circuit item shows the basic application circuit with adjustable output version. The external resistor sets
the output voltage according to the following equation:
VOUT=VFB× (1+R1 / R2), VFB=0.6V, R2 suggest 60kΩ ~ 300kΩ
Table 1 Resistor select for output voltage setting
VOUT
R1
R2
1.0V
100K
150K
1.2V
100K
100K
1.5V
150K
100K
1.8V
200K
100K
2.5V
470K
150K
3.3V
450K
100K
Over Temperature Protection
In most applications the UD05021 does not dissipate much heat due to high efficiency. But, in applications where
the UD05021 is running at high ambient temperature with low supply voltage and high duty cycles, such as in
dropout, the heat dissipated may exceed the maximum junction temperature of the part. If the junction temperature
reaches approximately 155°C, the internal high-side power switch will be turned off and the LX node will become
high impedance.
Over Current Protection
The UD05021 cycle-by-cycle limits the peak inductor current to protect embedded switch from damage. Hence the
maximum output current (the average of inductor current) is also limited. In case the load increases, the inductor
current is also increase. Whenever the current limit level is reached, the output voltage cannot be regulated and
starting to drop.
Soft-Start
The UD05021 employs internal soft-start circuitry to reduce supply inrush current during startup conditions. When
the device exits under-voltage lockout or shut-down mode, the soft-start circuitry will slowly ramp up the output
voltage.
Short-circuit Protection
Short-circuit protection will activate once the feedback voltage falls below, and the operating frequency will be
reducing normal switching frequency to reduce power delivered from input to output.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com