Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05021G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD05021G-AF5-R
Description  Thermal Shutdown Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05021G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD05021G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UD05021G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD05021
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R115-010.A
2.0A 1.5MHZ SYNCHRONOUS
BUCK CONVERTER
DESCRIPTION
The UTC UD05021 is a monolithic synchronous buck regulator
with a built in internal power MOSFET. It achieves 2A continuous
output current fix switching frequency with excellent load and line
regulation.
Current mode operation provides fast transient response and
eases of loop stabilization.
Fault condition protection includes cycle-by-cycle current limiting,
output short circuit protection and thermal shutdown. In shutdown
mode the regulator draws less than 1μA of supply current. Internal
soft-start minimizes the inrush supply current at initial startup.
FEATURES
 
* 2.5V~5.5V input voltage range
* Up to 2A Output Current
* 150/120mΩ Internal Power MOSFET Switch
* Stable with Low ESR Output Ceramic Capacitors
* Up to 95% Efficiency
* Less than 1μA Shutdown Current
* 1.5Mhz Switching Frequency
* Thermal Shutdown Protection
* Current limit and short circuit protections.
* Output Adjustable from 1V to VIN
* Build-in soft start function
ORDERING INFORMATION
Ordering Number
Package
Packing
UD05021G-AF5-R
SOT-25
Tape Reel
MARKING


Similar Part No. - UD05021G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
UD0506T SANYO-UD0506T Datasheet
219Kb / 3P
Low VF Switching Diode
logo
ON Semiconductor
UD0506T ONSEMI-UD0506T Datasheet
370Kb / 7P
Planar Ultrafast Rectifier
September, 2013
logo
Sanyo Semicon Device
UD0506T-H SANYO-UD0506T-H Datasheet
469Kb / 7P
Diffused Junction Silicon Diode Low VF Switching Diode
logo
ON Semiconductor
UD0506T-H ONSEMI-UD0506T-H Datasheet
370Kb / 7P
Planar Ultrafast Rectifier
September, 2013
logo
Sanyo Semicon Device
UD0506T-TL-H SANYO-UD0506T-TL-H Datasheet
469Kb / 7P
Diffused Junction Silicon Diode Low VF Switching Diode
More results

Similar Description - UD05021G-AF5-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBP120 STMICROELECTRONICS-STBP120 Datasheet
806Kb / 36P
Overvoltage protection device with thermal shutdown
01-Jun-2009
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
Thermal shutdown protection and diagnosis
18-Sep-2013
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
thermal shutdown protection
logo
Texas Instruments
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
Thermal Shutdown and Overcurrent Protection
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
Thermal Shutdown and Overcurrent Protection
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
Thermal shutdown protection
06-Mar-2014
logo
Dialog Semiconductor
SLG59M1714V DIALOG-SLG59M1714V Datasheet
358Kb / 18P
Thermal Shutdown Protection
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
Thermal Shutdown Protection
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com