Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0708 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL0708
Description  High Speed CMOS Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0708 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL0708 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
VDE 0884 Insulation Related Characteristics (Option 060)
Description
Symbol
HCPL-0708 Option 060
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤150 V rms
I-IV
for rated mains voltage
≤300 V rms
I-III
for rated mains voltage
≤450 V rms
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
560
V peak
Input to Output Test Voltage, Method b†
VPR
1050
V peak
VIORM x 1.875 = VPR, 100% Production
Test with tm = 1 sec, Partial Discharge < 5 pC
Input to Output Test Voltage, Method a†
VPR
840
V peak
VIORM x 1.5 = VPR, Type and Sample Test,
tm = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage†
VIOTM
4000
V peak
(Transient Overvoltage, tini = 10 sec)
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Thermal Derating curve, Figure 11.)
Case Temperature
TS
150
°C
Input Current
IS,INPUT
150
mA
Output Power
PS,OUTPUT
600
mW
Insulation Resistance at TS, V10 = 500 V
RIO
≥109
†Refer to the front of the optocoupler section of the
Isolation and Control Component Designer’s Catalog, under Product Safety Regulations section
(VDE 0884), for a detailed description.
Note: These optocouplers are suitable for “safe electrical isolation” only within the safety limit data. Maintenance of the safety data shall be
ensured by means of protective circuits.
Note: The surface mount classification is Class A in accordance with CECC 00802.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Figure
Ambient Operating Temperature
TA
–40
+100
°C
Supply Voltages
VDD
4.5
5.5
V
Input Current (ON)
IF
10
16
mA
1, 2
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Figure
Storage Temperature
TS
–55
125
°C
Ambient Operating Temperature[1]
TA
–40
+100
°C
Supply Voltages
VDD
0
6
Volts
Output Voltage
VO
–0.5
VDD2 +0.5
Volts
Average Output Current
IO
2mA
Average Forward Input Current
IF
20
mA
Lead Solder Temperature
260
°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Solder Reflow Temperature Profile Section



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com