Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0708 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL0708
Description  High Speed CMOS Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0708 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL0708 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL0708 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Ordering Information
Package Outline Drawing
HCPL-0708 (Small Outline SO-8 Package)
Specify Part Number followed by Option Number (if desired)
Example
HCPL-0708#XXX
060 = VDE0884 Option.
500 = Tape and Reel Packaging Option.
XXX
YWW
87
65
4
3
2
1
PIN
ONE
7°
5.842 ± 0.203
(0.236 ± 0.008)
3.937 ± 0.127
(0.155 ± 0.005)
0.381 ± 0.076
(0.016 ± 0.003)
1.270
(0.050)
BSG
5.080 ± 0.005
(0.200 ± 0.005)
3.175 ± 0.127
(0.125 ± 0.005)
1.524
(0.060)
45° X 0.432
(0.017)
0.228 ± 0.025
(0.009 ± 0.001)
0.152 ± 0.051
(0.006 ± 0.002)
TYPE NUMBER (LAST 3 DIGITS)
DATE CODE
DIMENSIONS IN MILLIMETERS AND (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
*OPTION 500 NOT MARKED.
0.305
(0.012)
MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com